Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4026S+HCC Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS4026S+HCC
Description  12.8MHz to 51.84MHz TCXO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026S+HCC Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS4026S+HCC Datasheet HTML 2Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 3Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 4Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 5Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 6Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 7Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 8Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 9Page - Maxim Integrated Products DS4026S+HCC Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
12.8MHz to 51.84MHz TCXO
6
_____________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
ACTIVE-SUPPLY CURRENT
vs. POWER-SUPPLY CURRENT
VCC (V)
3.5
3.4
3.3
3.2
3.1
0.3
0.2
0.1
0.6
0.5
0.4
0.8
0.7
0.9
1.1
1.0
1.4
1.3
1.2
1.6
1.5
0
3.0
3.6
12.8
51.84
ACTIVE-SUPPLY CURRENT
vs. OSCILLATOR POWER SUPPLY
VOSC (V)
3.5
3.4
3.3
3.2
3.1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
3.0
3.6
51.84
12.8
ACTIVE-SUPPLY CURRENT
vs. DRIVER POWER SUPPLY
VCCD (V)
3.5
3.4
3.3
3.2
3.1
8.0
6.0
4.0
2.0
10.0
-0.1
3.0
3.6
51.84
12.8
FREQUENCY vs. FTUNE
VC (V)
000h
4000h
-25
-20
-15
-10
-5
0
5
10
15
20
-30
3FFFh
12.8
51.84
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
-10
-13
-8
-3
-5
3
15
13
10
8
5
18
0
20
-15
-40
80
DCOMP = 1
DCOMP = 0


Similar Part No. - DS4026S+HCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026S+HCC MAXIM-DS4026S+HCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
More results

Similar Description - DS4026S+HCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
TAI-SAW TECHNOLOGY CO.,...
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TZ1457A TAI-SAW-TZ1457A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1962A TAI-SAW-TZ1962A Datasheet
911Kb / 5P
   HC43U DIP 12.8MHz Crystal Unit
REV. NO.: 2.0
TZ0438A TAI-SAW-TZ0438A Datasheet
218Kb / 5P
   SMD 5.0x3.2 12.8MHz Crystal Unit
REV. NO.: 1
TZ1365A TAI-SAW-TZ1365A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1562A TAI-SAW-TZ1562A Datasheet
375Kb / 8P
   SMD 4.0x2.5 12.8MHz Crystal Unit
REV. NO.: 1
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com