Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF6402-70-4C-EK Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST39VF6402-70-4C-EK
Description  16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF6402-70-4C-EK Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST39VF6402-70-4C-EK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus
SST39VF1601 / SST39VF3201 / SST39VF6401
SST39VF1602 / SST39VF3202 / SST39VF6402
5
©2005 Silicon Storage Technology, Inc.
S71223-04-000
11/05
Product Identification
The Product Identification mode identifies the devices as
the
SST39VF1601,
SST39VF1602,
SST39VF3201,
SST39VF3202, SST39VF6401, SST39VF6402, and
manufacturer as SST. This mode may be accessed soft-
ware operations. Users may use the Software Product
Identification operation to identify the part (i.e., using the
device ID) when using multiple manufacturers in the same
socket. For details, see Table 6 for software operation,
Figure 11 for the Software ID Entry and Read timing dia-
gram and Figure 21 for the Software ID Entry command
sequence flowchart.
Product Identification Mode Exit/
CFI Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read mode.
This command may also be used to reset the device to the
Read mode after any inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. Please note that the Software ID Exit/
CFI Exit command is ignored during an internal Program or
Erase operation. See Table 6 for software command
codes, Figure 13 for timing waveform, and Figures 21 and
22 for flowcharts.
Security ID
The SST39VF160x/320x/640x devices offer a 256-bit
Security ID space. The Secure ID space is divided into two
128-bit segments - one factory programmed segment and
one user programmed segment. The first segment is pro-
grammed and locked at SST with a random 128-bit num-
ber. The user segment is left un-programmed for the
customer to program as desired.
To program the user segment of the Security ID, the user
must use the Security ID Word-Program command. To
detect end-of-write for the SEC ID, read the toggle bits. Do
not use Data# Polling. Once this is complete, the Sec ID
should be locked using the User Sec ID Program Lock-Out.
This disables any future corruption of this space. Note that
regardless of whether or not the Sec ID is locked, neither
Sec ID segment can be erased.
The Secure ID space can be queried by executing a three-
byte command sequence with Enter Sec ID command
(88H) at address 5555H in the last byte sequence. To exit
this mode, the Exit Sec ID command should be executed.
Refer to Table 6 for more details.
TABLE
3: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39VF1601
0001H
234BH
SST39VF1602
0001H
234AH
SST39VF3201
0001H
235BH
SST39VF3202
0001H
235AH
SST39VF6401
0001H
236BH
SST39VF6402
0001H
236AH
T3.2 1223


Similar Part No. - SST39VF6402-70-4C-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6402-70-4C-EK SST-SST39VF6402-70-4C-EK Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6402-70-4C-EKE SST-SST39VF6402-70-4C-EKE Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
More results

Similar Description - SST39VF6402-70-4C-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com