Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST36VF1601G-70-4C-B3KE Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST36VF1601G-70-4C-B3KE
Description  16 Mbit (x8/x16) Concurrent SuperFlash
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF1601G-70-4C-B3KE Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST36VF1601G-70-4C-B3KE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST36VF1601G-70-4C-B3KE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST36VF1601G-70-4C-B3KE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST36VF1601G-70-4C-B3KE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST36VF1601G-70-4C-B3KE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST36VF1601G-70-4C-B3KE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST36VF1601G-70-4C-B3KE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST36VF1601G-70-4C-B3KE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST36VF1601G-70-4C-B3KE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
16 Mbit Concurrent SuperFlash
SST36VF1601G / SST36VF1602G
3
©2006 Silicon Storage Technology, Inc.
S71342-00-000
12/06
Sector-Erase/Block-Erase Operation
The Sector- or Block- Erase operation allows the system to
erase the device on a sector-by-sector (or block-by-block)
basis. The SST36VF160xG offer both Sector-Erase and
Block-Erase operations.
The sector architecture is based on a uniform sector size of
2 KWord. The Sector-Erase operation is initiated by execut-
ing a six-byte command sequence with a Sector-Erase
command (50H) and sector address (SA) in the last bus
cycle.
The Block-Erase mode is based on a uniform block size of
32 KWord. Block-Erase is initiated by executing a six-byte
command sequence with Block-Erase command (30H) and
block address (BA) in the last bus cycle. The sector or block
address is latched on the falling edge of the sixth WE#
pulse, while the command (50H or 30H) is latched on the
rising edge of the sixth WE# pulse. The internal Erase oper-
ation begins after the sixth WE# pulse.
Any commands issued during the Sector- or Block-Erase
operation are ignored except Erase-Suspend and Erase-
Resume. See Figures 15 and 16 for timing waveforms.
Chip-Erase Operation
The SST36VF1601G and SST36VF1602G provide a
Chip-Erase operation, which erases the entire memory
array to the ‘1’ state. This operation is useful when the
entire device must be quickly erased.
The Chip-Erase operation is initiated by executing a six-
byte command sequence with Chip-Erase command (10H)
at address 555H in the last byte sequence. The Erase
operation begins with the rising edge of the sixth WE# or
CE#, whichever occurs first. During the Erase operation,
the only valid Read is Toggle Bit or Data# Polling. Any com-
mands issued during the Chip-Erase operation are
ignored. See Table 6 for the command sequence, Figure
14 for timing diagram, and Figure 29 for the flowchart.
When WP# is low, any attempt to Chip-Erase will be
ignored.
Erase-Suspend/Erase-Resume Operations
The Erase-Suspend operation temporarily suspends a
Sector- or Block-Erase operation thus allowing data to be
read or programmed into any sector or block that is not
engaged in an Erase operation. The operation is executed
by issuing a one-byte command sequence with Erase-Sus-
pend command (B0H). The device automatically enters
read mode no more than 10 µs after the Erase-Suspend
command had been issued. (TES maximum latency equals
10 µs.) Valid data can be read from any sector or block that
is not suspended from an Erase operation. Reading at
address location within erase-suspended sectors/blocks
will output DQ2 toggling and DQ6 at ‘1’. While in Erase-Sus-
pend mode, a Program operation is allowed except for the
sector or block selected for Erase-Suspend.
To resume a suspended Sector-Erase or Block-Erase
operation, the system must issue an Erase-Resume com-
mand. The operation is executed by issuing a one-byte
command sequence with Erase Resume command (30H)
at any address in the one-byte sequence.
Write Operation Status Detection
To
optimize
the
system
Write
cycle
time,
the
SST36VF160xG provide two software means to detect the
completion of a Write (Program or Erase) cycle The soft-
ware detection includes two status bits: Data# Polling
(DQ7) and Toggle Bit (DQ6). The End-of-Write detection
mode is enabled after the rising edge of WE#, which ini-
tiates the internal Program or Erase operation.
The actual completion of the nonvolatile write is asyn-
chronous with the system. Therefore, Data# Polling or
Toggle Bit maybe be read concurrent with the completion
of the write cycle. If this occurs, the system may possibly
get an incorrect result from the status detection process.
For example, valid data may appear to conflict with either
DQ7 or DQ6. To prevent false results, upon detection of
failures, the software routine should loop to read the
accessed location an additional two times. If both reads
are valid, then the device has completed the Write cycle,
otherwise the failure is valid.


Similar Part No. - SST36VF1601G-70-4C-B3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST36VF1601 SST-SST36VF1601 Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1601-70-4C-BK SST-SST36VF1601-70-4C-BK Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST36VF1601-70-4C-BK SST-SST36VF1601-70-4C-BK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1601-70-4C-EK SST-SST36VF1601-70-4C-EK Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
More results

Similar Description - SST36VF1601G-70-4C-B3KE

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com