Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1117 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1117
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117 Datasheet(HTML) 4 Page - Linear Technology

  LT1117 Datasheet HTML 1Page - Linear Technology LT1117 Datasheet HTML 2Page - Linear Technology LT1117 Datasheet HTML 3Page - Linear Technology LT1117 Datasheet HTML 4Page - Linear Technology LT1117 Datasheet HTML 5Page - Linear Technology LT1117 Datasheet HTML 6Page - Linear Technology LT1117 Datasheet HTML 7Page - Linear Technology LT1117 Datasheet HTML 8Page - Linear Technology LT1117 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LT1117-5
Line Transient Response
LT1117-2.8
Line Transient Response
LT1117 Ripple Rejection
LT1117 Ripple Rejection vs Current
Temperature Stability
LT1117-2.85
LT1117-5
Adjust Pin Current
Load Transient Response
Load Transient Response
TEMPERATURE (
°C)
–50
0
20
50
100
0
50
100
150
LT1117 • TPC08
80
–25
25
75
125
10
30
40
60
70
90
TIME (
µs)
0
– 0.5
0.3
20
50
70
100
LT1117 • TPC09
0.1
10
30
60
80
0
0.5
– 0.2
0
0.2
– 0.1
40
90
CIN = 10µF
COUT = 10µF TANTALUM
VIN = 4.25V
PRELOAD = 0.1A
TIME (
µs)
0
– 0.5
0.3
20
50
70
100
LT1117 • TPC10
0.1
10
30
60
80
0
0.5
– 0.2
0
0.2
– 0.1
40
90
CIN = 10µF
COUT = 10µF TANTALUM
VIN = 6.5V
PRELOAD = 0.1A
TIME (
µs)
0
3.25
60
40
100
140
200
LT1117 • TPC11
20
20
60
120
160
4.25
5.25
–40
0
40
–20
80
180
CIN = 1µF
COUT = 10µF TANTALUM
IOUT = 0.1A
TIME (
µs)
0
5.50
60
40
100
140
200
LT1117 • TPC12
20
20
60
120
160
6.50
7.50
–40
0
40
–20
80
180
CIN = 1µF
COUT = 10µF TANTALUM
IOUT = 0.1A
FREQUENCY (Hz)
20
40
60
80
100
10
1k
10k
100k
LT1117 • TPC05
0
100
90
70
50
30
10
CADJ = 200µF AT f < 60Hz
CADJ = 25µF AT f > 60Hz
IOUT = 0.5A
(VIN – VOUT) ≥ VDROPOUT
VRIPPLE ≤ 3VP-P
VRIPPLE
0.5VP-P
(VIN – VOUT) ≥ 3V
OUTPUT CURRENT (A)
0
0
20
30
50
80
100
0.2
0.4
0.6
0.8
LT1117 • TPC06
10
40
60
70
90
VOUT = 5V
CADJ = 25µF
COUT = 25µF
VRIPPLE ≤ 3VP-P
fRIPPLE = 120Hz
fRIPPLE = 20kHz
VRIPPLE ≤ 0.5VP-P
TEMPERATURE (
°C)
–50
–2.0
–1.0
0
2.0
0
50
100
150
LT1117 • TPC07
1.0
–25
25
75
125


Similar Part No. - LT1117

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com