Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1039A-16 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1039A-16
Description  Triple RS232 Driver/Receiver with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039A-16 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1039A-16 Datasheet HTML 2Page - Linear Technology LT1039A-16 Datasheet HTML 3Page - Linear Technology LT1039A-16 Datasheet HTML 4Page - Linear Technology LT1039A-16 Datasheet HTML 5Page - Linear Technology LT1039A-16 Datasheet HTML 6Page - Linear Technology LT1039A-16 Datasheet HTML 7Page - Linear Technology LT1039A-16 Datasheet HTML 8Page - Linear Technology LT1039A-16 Datasheet HTML 9Page - Linear Technology LT1039A-16 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1039A/LT1039A-16
1039afa
APPLICATIONS INFORMATION
The driver output stage of the LT1039A offers signifi-
cantly improved protection over older bipolar and CMOS
designs. In addition to current limiting, the driver output
can be externally forced to
±30V with no damage or
excessive current flow.
LT1039A Driver
– 30V
30V
LT1039A
OUTPUT CAN
BE FORCED
EXTERNALLY
1039A AI01
The driver outputs utilize high impedance overvoltage
protection, eliminating the flow of fault currents into
supplies, as will happen with conventional diode clamp
configurations.
WITH SOME DRIVERS,
EXTERNALLY APPLIED
VOLTAGE CAN FORCE
THE SUPPLIES
1039A AI02
V +
V
Older RS232 Drivers and Other CMOS Drivers
Placing the LT1039A in the shutdown mode (Pin 17 low)
puts both the driver and receiver outputs in a high imped-
ance state. This allows data line sharing and transceiver
applications.
Sharing a Transmitter Line
LT1039A #1
DRIVER
LT1039A #2
DRIVER
LOGIC
INPUT A
LOGIC
INPUT B
1039A AI03
ON/OFF
(CHANNEL SELECT)
INPUT
LOGIC
INVERTER
RS232
TRANSMISSION
LINE
LT1039A #1
DRIVER
LOGIC
TRANSMIT/RECEIVE
LINE
RS232
TRANSMIT/RECEIVE
LINE
1039A AI05
ON/OFF
(TRANSMIT/RECEIVE)
INPUT
LOGIC
INVERTER
LT1039A #2
RECEIVER
Transceiver
Sharing a Receiver Line
LT1039A #1
RECEIVER
RS232
INPUT A
RS232
INPUT B
1039A AI04
ON/OFF
(CHANNEL SELECT)
INPUT
LOGIC
INVERTER
LOGIC
OUTPUT
LT1039A #2
RECEIVER
The shutdown mode also drops all supply currents (VCC,
V +, V ) to zero for power conscious systems.


Similar Part No. - LT1039A-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039A-16 LINER-LT1039A-16 Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
More results

Similar Description - LT1039A-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com