Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP150S Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # FP150S
Description  12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

FP150S Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  FP150S Datasheet HTML 1Page - Voltage Multipliers Inc. FP150S Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
198
0
5
10
15
20
25
30
35
0
2
4
6
8
10
1214
1618
Forward Current (A)
0
0.5
1
1.5
2
2.5
25
50
75
100
125
150
Ambient Temperature (C)
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
FP125S FP150S FP175S FP200S
FP125S
FP150S
FP175S
FP200S
Ambient Temperature (°C)
Temperature (°C)


Similar Part No. - FP150S

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
FP150S VMI-FP150S Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
More results

Similar Description - FP150S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP125F ETC1-FP125F Datasheet
48Kb / 2P
   12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time
logo
Voltage Multipliers Inc...
FP25S VMI-FP25S Datasheet
82Kb / 2P
   2,500 V - 10,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
SP125F VMI-SP125F Datasheet
74Kb / 2P
   12,500 V - 25,000 V Rectifier Stacks 0.5 A Forward Current 150 ns Recovery Time
SP150S VMI-SP150S Datasheet
75Kb / 2P
   15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time
SPJ100S VMI-SPJ100S Datasheet
35Kb / 2P
   10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 3000 ns Recovery Time
SPJ100F VMI-SPJ100F Datasheet
35Kb / 2P
   10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
logo
List of Unclassifed Man...
SP25F ETC1-SP25F Datasheet
75Kb / 2P
   2,500 V - 10,000 V Rectifier Stacks (0.5 A Forward Current 150 ns Recovery Time)
logo
Voltage Multipliers Inc...
Z150FG VMI-Z150FG Datasheet
96Kb / 2P
   15,000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time
Z150SG VMI-Z150SG Datasheet
96Kb / 2P
   15,000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time
SPB50UFB VMI-SPB50UFB Datasheet
51Kb / 2P
   5,000 V - 20,000 V Single Phase Bridge 2.0 A Forward Current 70 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com