Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1031DMH Datasheet(PDF) 9 Page - Linear Technology

Part # LT1031DMH
Description  Precision 10V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1031DMH Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1031DMH Datasheet HTML 4Page - Linear Technology LT1031DMH Datasheet HTML 5Page - Linear Technology LT1031DMH Datasheet HTML 6Page - Linear Technology LT1031DMH Datasheet HTML 7Page - Linear Technology LT1031DMH Datasheet HTML 8Page - Linear Technology LT1031DMH Datasheet HTML 9Page - Linear Technology LT1031DMH Datasheet HTML 10Page - Linear Technology LT1031DMH Datasheet HTML 11Page - Linear Technology LT1031DMH Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1031/LH0070
1031fb
Strain Gauge Conditioner
for 350
Ω Bridge
Ultralinear Platinum Temperature Sensor*
APPLICATIO CIRCUITS
+
LT1031
GND
OUT
IN
20V
20V
–15V
–15V
2
3
7
4
6
VOUT = 100mV/°C
–50
°C ≤ T ≤ 150°C
R2*
5k
R14
5k
R12
1k
R15
10k
R13
24.3k
R10
182k
1%
R11
6.65M
1%
R5
200k
1%
R6
619k
1%
R4
4.75k
1%
R7
392k
1%
RS
100
AT 0
°C
R1**
253k
R8
10M
R9
100k
R3**
5k
Rf**
654k
STANDARD INDUSTRIAL 100
Ω PLATINUM 4-WIRE SENSOR, ROSEMOUNT 78S,
OR EQUIVALENT.
α = 0.00385
TRIM R9 FOR VOUT = 0 AT 0°C
TRIM R12 FOR VOUT = 10V AT 100°C
TRIM R14 FOR VOUT = 5V AT 50°C
USE TRIM SEQUENCE AS SHOWN. TRIMS ARE NON-INTERACTIVE SO THAT ONLY ONE
TRIM SEQUENCE IS NORMALLY REQUIRED.
FEEDBACK LINEARIZES OUTPUT TO
±0.005°C FROM – 50°C TO 150°C
WIREWOUND RESISTORS WITH LOW TC
*
**
LT1031 • AC06
LT1001
R2
20k
R4
20k
R1
357
1/2W
357
1/2W
R6
2M
Ω*
R3
2M
R5
2M
350
Ω STRAIN
GUAGE BRIDGE**
LT1031 • AC05
5V
–5V
100pF
VOUT • 100
6
6
8
1
3
3
2
2
28mA
28.5mA
15V
–15V
LT1031
LT1012C
LM301A
GND
IN
OUT
+
THIS RESISTOR PROVIDES POSITIVE FEEDBACK TO THE BRIDGE TO ELIMINATE
LOADING EFFECT OF THE AMPLIFIER. EFFECTIVE ZIN OF AMPLIFIER STAGE IS
≥ 1MΩ. IF R2–R5 ARE CHANGED, SET R6 = R3
BRIDGE IS ULTRA LINEAR WHEN ALL LEGS ARE ACTIVE, TWO IN COMPRESSION
AND TWO IN TENSION, OR WHEN ONE SIDE IS ACTIVE WITH ONE COMPRESSED
AND ONE TENSIONED LEG
OFFSET AND DRIFT OF LM301A ARE VIRTUALLY ELIMINATED BY DIFERENTIAL
CONNECTION OF LT1012C
*
**


Similar Part No. - LT1031DMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1031DMH LINER-LT1031DMH Datasheet
631Kb / 12P
   Precision 10 Volt Reference
More results

Similar Description - LT1031DMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
logo
Analog Devices
REF-01 AD-REF-01 Datasheet
296Kb / 7P
   10V Precision Viltage Reference
REV. B
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
[Old version datasheet]   10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com