Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0070-2H Datasheet(PDF) 3 Page - Linear Technology

Part # LH0070-2H
Description  Precision 10V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LH0070-2H Datasheet(HTML) 3 Page - Linear Technology

  LH0070-2H Datasheet HTML 1Page - Linear Technology LH0070-2H Datasheet HTML 2Page - Linear Technology LH0070-2H Datasheet HTML 3Page - Linear Technology LH0070-2H Datasheet HTML 4Page - Linear Technology LH0070-2H Datasheet HTML 5Page - Linear Technology LH0070-2H Datasheet HTML 6Page - Linear Technology LH0070-2H Datasheet HTML 7Page - Linear Technology LH0070-2H Datasheet HTML 8Page - Linear Technology LH0070-2H Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1031/LH0070
1031fb
(LH0070) The
denotes the specifications which apply over the full
operating temperature range. VIN = 15V, RL = 10kΩ, –55°C ≤ TA ≤ 125°C, unless noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Output voltage is measured immediately after turn-on. Changes
due to chip warm-up are typically less than 0.005%.
Note 3: Temperature coefficient is measured by dividing the change in
output voltage over the temperature range by the change in temperature.
Separate tests are done for hot and cold: TMIN to 25°C and 25°C to TMAX.
Incremental slope is also measured at 25
°C. For LT1031BMH, the
5ppm/
°C drift specification is for –25°C to 85°C. Drift over the full –55°C
to 125
°C range is guaranteed to 7ppm/°C.
Note 4: Line and load regulation are measured on a pulse basis. Output
changes due to die temperature change must be taken into account
separately. Package thermal resistance is 150
°C/W.
Note 5: Shunt mode regulation is measured with the input open. With the
input connected, shunt mode current can be reduced to 0mA. Load
regulation will remain the same.
Note 6: Temperature drift is guaranteed from –25
°C to 85°C on LH0070.
Note 7: See curve for guaranteed minimum VIN versus IOUT.
Note 8: Guaranteed by design.
LH0070
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VR
Output Voltage
TA = 25°C
10.000
V
∆VR
Output Accuracy
TA = 25°C
– 0, –1
± 0.03
±0.1
%
– 2
± 0.02
± 0.05
%
∆VR
Output Accuracy
TA = –55°C, 125°C
– 0, –1
0.3
%
– 2
0.2
%
∆VR
Output Voltage Change
Note 6
∆T
with Temperature
– 0
±0.2
%
– 1
± 0.02
±0.1
%
– 2
± 0.01
± 0.04
%
∆VR
Line Regulation
13V
≤ VIN ≤ 33V, TA = 25°C
∆VIN
– 0, –1
0.006
0.1
%
– 2
0.006
0.03
%
Input Voltage Range
11.4
40
V
∆VR
Load Regulation
0mA
≤ lOUT ≤ 5mA
0.01
0.03
%
∆IO
IQ
Quiescent Current
13V
≤ VIN ≤ 33V
1.2
5
mA
∆lQ
Change in Quiescent Current
∆VIN = 20V from 13V TO 33V
0.1
1.5
mA
∆VIN
en
Output Noise Voltage
6
µVP-P
Ripple Rejection
f = 120Hz
0.001
%/VP-P
rO
Output Resistance
0.2
0.6
∆VZ
Long Term Stability
TA = 25°C (Note 8)
∆Time
– 0, –1
±0.2
%/Yr
– 2
± 0.05
%/Yr


Similar Part No. - LH0070-2H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LH0070-2H LINER-LH0070-2H Datasheet
631Kb / 12P
   Precision 10 Volt Reference
logo
National Semiconductor ...
LH0070-2H NSC-LH0070-2H Datasheet
131Kb / 6P
   LH0070 Series Precision BCD Buffered Reference
More results

Similar Description - LH0070-2H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
logo
Analog Devices
REF-01 AD-REF-01 Datasheet
296Kb / 7P
   10V Precision Viltage Reference
REV. B
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
[Old version datasheet]   10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com