Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0070-1H Datasheet(PDF) 8 Page - Linear Technology

Part # LH0070-1H
Description  Precision 10V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LH0070-1H Datasheet(HTML) 8 Page - Linear Technology

Back Button LH0070-1H Datasheet HTML 4Page - Linear Technology LH0070-1H Datasheet HTML 5Page - Linear Technology LH0070-1H Datasheet HTML 6Page - Linear Technology LH0070-1H Datasheet HTML 7Page - Linear Technology LH0070-1H Datasheet HTML 8Page - Linear Technology LH0070-1H Datasheet HTML 9Page - Linear Technology LH0070-1H Datasheet HTML 10Page - Linear Technology LH0070-1H Datasheet HTML 11Page - Linear Technology LH0070-1H Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1031/LH0070
1031fb
APPLICATIO S I FOR ATIO
Noise Induced by Air Turbulence
(TO-5 Package)
TIME (MINUTES)
20
µV
06
10
LT1031 • TA07
24
812
FOAM CUP REMOVED
(TO-5 PACKAGE)
f = 0.01Hz to 10Hz
There is nothing magical about foam cups—any
enclosure which blocks air flow from the reference will do.
Smaller enclosures are better since they do not allow the
build-up of internally generated air movement. Naturally,
heat generating components external to the reference
itself should not be included inside the enclosure.
Boosted Output Current with No Current Limit
Negative Series Reference
R1
4.7k
R2
4.7k
D1
15V
Q1
2N2905
–10V
AT 50mA
LT1031 • AC01
–15V
15V
LT1031
GND
IN
OUT
Boosted Output Current with Current Limit
LT1031
GND
OUT
IN
LT1031 • AC04
15V
30mA
TYPICAL LOAD
CURRENT = 30mA
*SELECT R1 TO DELIVER TYPICAL LOAD CURRENT
LT1031 WILL THEN SOURCE OR SINK AS NECESSARY
TO MAINTAIN PROPER OUTPUT. DO NOT REMOVE LOAD,
AS OUTPUT WILL BE DRIVEN (UNREGULATED) HIGH. LINE
REGULATION IS DEGRADED IN THIS APPLICATION
R1*
169
VOUT = 10V
RL
Handling Higher Load Currents
LT1031
GND
OUT
IN
2N2905
V+
≥ 11.8V
R1
220
10V
AT 100mA
2
µF
SOLID
TANT
LT1031 • AC02
+
APPLICATIO CIRCUITS
LT1031
GND
OUT
IN
2N2905
*GLOWS IN CURRENT LIMIT
DO NOT OMIT
8.2
R1
220
D1*
LED
V+
≥ 12.8V
10V
AT 100mA
2
µF
SOLID
TANT
LT1031 • AC03
+


Similar Part No. - LH0070-1H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LH0070-1H LINER-LH0070-1H Datasheet
631Kb / 12P
   Precision 10 Volt Reference
logo
National Semiconductor ...
LH0070-1H NSC-LH0070-1H Datasheet
131Kb / 6P
   LH0070 Series Precision BCD Buffered Reference
More results

Similar Description - LH0070-1H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
logo
Analog Devices
REF-01 AD-REF-01 Datasheet
296Kb / 7P
   10V Precision Viltage Reference
REV. B
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
[Old version datasheet]   10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com