Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1028CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1028CS8
Description  Ultralow Noise Precision High Speed Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1028CS8 Datasheet HTML 4Page - Linear Technology LT1028CS8 Datasheet HTML 5Page - Linear Technology LT1028CS8 Datasheet HTML 6Page - Linear Technology LT1028CS8 Datasheet HTML 7Page - Linear Technology LT1028CS8 Datasheet HTML 8Page - Linear Technology LT1028CS8 Datasheet HTML 9Page - Linear Technology LT1028CS8 Datasheet HTML 10Page - Linear Technology LT1028CS8 Datasheet HTML 11Page - Linear Technology LT1028CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1028/LT1128
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LT1128
Large-Signal Transient Response
FREQUENCY (Hz)
10
1
10
100
100k
LT1028/1128 • TPC34
0.1
0.01
0.001
100
1k
10k
1M
IO = 1mA
VS = ±15V
TA = 25°C
LT1128
LT1028
LT1128
LT1028
AV = 1000
AV = 5
LT1028
Slew Rate, Gain-Bandwidth
Product Over Temperature
LT1128
Slew Rate, Gain-Bandwidth
Product Over Temperature
LT1028
Slew Rate, Gain-Bandwidth Product
vs Over-Compensation Capacitor
LT1128
Slew Rate, Gain-Bandwidth Product
vs Over-Compensation Capacitor
Closed-Loop Output Impedance
TEMPERATURE (˚C)
–50
16
17
18
25
75
LT1028/1128 • TPC30
15
14
–25
0
50
100
125
13
12
VS = ±15V
70
80
90
60
50
40
30
GBW
FALL
RISE
TEMPERATURE (
°C)
–50
0
1
3
4
5
0
50
100
9
LT1028/1128 • TPC33
2
–25
25
6
7
8
75
125
20
10
30
FALL
RISE
GBW
OVER-COMPENSATION CAPACITOR (pF)
1
10
1
100
1000
10000
LT1028/1128 • TPC36
0.1
10
100
1k
10k
COC FROM PIN 5 TO PIN 6
VS = ±15V
TA = 25°C
SLEW
GBW
100
10
OVER-COMPENSATION CAPACITOR (pF)
1
10
1
100
1000
10000
LT1028/1128 • TPC35
0.1
10
100
10
100
1
1k
GBW
SLEW RATE
OVER-COMPENSATION CAPACITOR (pF)
1
10
1
100
1000
10000
LT1028/1128 • TPC35
0.1
10
100
10
100
1k
GBW
SLEW RATE
1
0V
AV = –1, RS = RF = 2k, CF = 30pF
2
µs/DIV
LT1128
Small-Signal Transient Response
0.2
µs/DIV
AV = –1, RS = RF = 2k
CF = 15pF, CL = 80pF
–50mV
50mV
10V
–10V
0V
10V
–50mV
50mV
–10V
0.2
µs/DIV
1
µs/DIV
AV = –1, RS = RF = 2k, CF = 15pF
AV = 1, CL = 10pF
LT1028
Large-Signal Transient Response
LT1028
Small-Signal Transient Response


Similar Part No. - LT1028CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028CS8 LINER-LT1028CS8 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
More results

Similar Description - LT1028CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com