Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1021CMH-10 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1021CMH-10
Description  Precision Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021CMH-10 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1021CMH-10 Datasheet HTML 7Page - Linear Technology LT1021CMH-10 Datasheet HTML 8Page - Linear Technology LT1021CMH-10 Datasheet HTML 9Page - Linear Technology LT1021CMH-10 Datasheet HTML 10Page - Linear Technology LT1021CMH-10 Datasheet HTML 11Page - Linear Technology LT1021CMH-10 Datasheet HTML 12Page - Linear Technology LT1021CMH-10 Datasheet HTML 13Page - Linear Technology LT1021CMH-10 Datasheet HTML 14Page - Linear Technology LT1021CMH-10 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1021
1021fc
APPLICATIONS INFORMATION
Effects of Air Movement on Low Frequency Noise
The LT1021 has very low noise because of the buried zener
used in its design. In the 0.1Hz to 10Hz band, peak-to-peak
noise is about 0.5ppm of the DC output. To achieve this
low noise, however, care must be taken to shield the
reference from ambient air turbulence. Air movement can
create noise because of thermoelectric differences
between IC package leads (especially kovar lead TO-5) and
printed circuit board materials and/or sockets. Power
dissipation in the reference, even though it rarely exceeds
20mW, is enough to cause small temperature gradients in
the package leads. Variations in thermal resistance, caused
by uneven air flow, create differential lead temperatures,
thereby causing thermoelectric voltage noise at the output
of the reference. The following XY plotter trace dramati-
cally illustrates this effect. The first half of the plot was
done with the LT1021 shielded from ambient air with a
small foam cup. The cup was then removed for the second
half of the trace. Ambient in both cases was a lab environ-
ment with no excessive air turbulence from air condition-
ers, opening/closing doors, etc. Removing the foam cup
increases the output noise by almost an order of magni-
tude in the 0.01Hz to 1Hz band! The kovar leads of the
TO-5 (H) package are the primary culprit. Alloy 42 and
copper lead frames used on dual-in-line packages are not
nearly as sensitive to thermally generated noise because
they are intrinsically matched.
There is nothing magical about foam cups—any enclo-
sure which blocks air flow from the reference will do.
Smaller enclosures are better since they do not allow the
build-up of internally generated air movement. Naturally,
heat generating components external to the reference
itself should not be included inside the enclosure.
Noise Induced By Air Turbulence (TO-5 Package)
TIME (MINUTES)
06
10
1021 AI07
24
812
20
µV
FOAM CUP
REMOVED
LT1021-7 (TO-5 PACKAGE)
f = 0.01Hz TO 10Hz
TYPICAL APPLICATIONS
Restricted Trim Range for Improved
Resolution, 10V, “C” Version Only
LT1021C-10
OUT
VIN
IN
10.000V
TRIM RANGE
≈ ±10mV
GND
TRIM
R2
50k
1021 TA11
R1
75k
1021 TA03
LT1021-10
OUT
IN
GND
TRIM
R1*
10k
VOUT
*CAN BE RAISED TO 20k FOR
LESS CRITICAL APPLICATIONS
VIN
LT1021-10
OUT
IN
GND
LT1021 TA04
D1
15V
R1
4.7k
–10V AT 50mA
R2
4.7k
–15V
15V
Q1
2N2905
Negative Series Reference
LT1021-10 Full Trim Range (
±0.7%)


Similar Part No. - LT1021CMH-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021CMH-10 LINER-LT1021CMH-10 Datasheet
227Kb / 16P
   Precision Reference
LT1021CMH-10 LINER-LT1021CMH-10 Datasheet
238Kb / 16P
   Precision Reference
More results

Similar Description - LT1021CMH-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com