Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST34HF32A4-70-4E-LSE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST34HF32A4-70-4E-LSE
Description  32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF32A4-70-4E-LSE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST34HF32A4-70-4E-LSE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF32A4-70-4E-LSE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF32A4-70-4E-LSE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST34HF32A4-70-4E-LSE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST34HF32A4-70-4E-LSE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST34HF32A4-70-4E-LSE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST34HF32A4-70-4E-LSE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST34HF32A4-70-4E-LSE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST34HF32A4-70-4E-LSE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Preliminary Specifications
32 Mbit Concurrent SuperFlash + 16 Mbit PSRAM ComboMemory
SST34HF32A4
11
©2006 Silicon Storage Technology, Inc.
S71313-02-000
8/06
PIN DESCRIPTION
FIGURE 3: Pin Assignments for 56-ball LFBGA (8mm x 10mm
FIGURE 4: Pin Assignment for 62-Ball LFBGA (8mm x 10mm)
A11
A8
WE#
WP#
LBS#
A7
A15
A12
A19
BES2
RST#
UBS#
A6
A3
NC
A13
A9
A20
RY/BY#
A18
A5
A2
NC
A14
A10
A17
A4
A1
A16
NC
DQ6
DQ1
VSS
A0
CIOF
DQ15/A-1
DQ13
DQ4
DQ3
DQ9
OE#
BEF#
VSS
DQ7
DQ12
VDDS
VDDF
DQ10
DQ0
BES1#
DQ14
DQ5
NC
DQ11
DQ2
DQ8
A
B
C
D
E
F
G
H
8
7
6
5
4
3
2
1
TOP VIEW (balls facing down)
NC
NC
A20
A16
WEF#
VSSS
WP#
LBS#
A18
NC
A11
A8
RY/BY#
RST#
NC
UBS#
A17
A5
A15
A10
A19
OES#
A7
A4
A14
A9
DQ11
A6
A0
A13
DQ15
DQ13
DQ12
DQ9
A3
BEF#
A12
WES#
DQ6
BES2
DQ10
DQ8
A2
VSSF
VSSF
DQ14
DQ4
VDDS
DQ2
DQ0
A1
OEF#
NC
DQ7
DQ5
VDDF
DQ3
DQ1
BES1#
NC
NC
NC
A
B
C
D
E
F
G
H
J
K
8
7
6
5
4
3
2
1
TOP VIEW (balls facing down)


Similar Part No. - SST34HF32A4-70-4E-LSE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244-70-4E-L1PE SST-SST34HF3244-70-4E-L1PE Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244-70-4E-LSE SST-SST34HF3244-70-4E-LSE Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF3244C-70-4E-L1PE SST-SST34HF3244C-70-4E-L1PE Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results

Similar Description - SST34HF32A4-70-4E-LSE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com