Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF64A2-70-4E-L1PE Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST32HF64A2-70-4E-L1PE
Description  Multi-Purpose Flash Plus PSRAM ComboMemory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF64A2-70-4E-L1PE Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST32HF64A2-70-4E-L1PE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF64A2-70-4E-L1PE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF64A2-70-4E-L1PE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF64A2-70-4E-L1PE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF64A2-70-4E-L1PE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF64A2-70-4E-L1PE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF64A2-70-4E-L1PE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF64A2-70-4E-L1PE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF64A2-70-4E-L1PE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
©2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF+ and ComboMemory are trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
ComboMemories organized as:
– SST32HF64A2: 4M x16 Flash + 1024K x16 PSRAM
Single 2.7-3.3V Read and Write Operations
Concurrent Operation
– Read from or Write to PSRAM while
Erase/Program Flash
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Current: 15 mA (typical) for
Flash or PSRAM Read
– Standby Current: 60 µA (typical)
Flexible Erase Capability
– Uniform 2 KWord sectors
– Uniform 32 KWord size blocks
Erase-Suspend/Erase-Resume Capabilities
Security-ID Feature
– SST: 128 bits; User: 128 bits
Fast Read Access Times:
– Flash: 70 ns
– PSRAM: 70 ns
Hardware Block-Protection/WP# Input Pin
– Top Block-Protection (top 32 KWord)
for SST32HF64A2
Latched Address and Data for Flash
Flash Fast Erase and Word-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 40 ms (typical)
– Word-Program Time: 7 µs (typical)
Flash Automatic Erase and Program Timing
– Internal VPP Generation
Flash End-of-Write Detection
– Toggle Bit
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard Command Set
Package Available
– 56-ball LFBGA (8mm x 10mm x 1.4mm)
– 64-ball LFBGA (8mm x 10mm x 1.4mm)
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST32HF64A2 ComboMemory device integrates a
CMOS flash memory bank with a CMOS PseudoSRAM
(PSRAM) memory bank in a Multi-Chip Package (MCP),
manufactured with SST proprietary, high-performance
SuperFlash technology.
Featuring high-performance Word-Program, the flash
memory bank provides a maximum Word-Program time of
7 µsec. To protect against inadvertent flash write, the
SST32HF64A2 device contains on-chip hardware and soft-
ware data protection schemes. The SST32HF64A2 device
offers a guaranteed endurance of 10,000 cycles, and data
retention greater than 100 years.
The SST32HF64A2 device consists of two independent
memory banks, each with enable signals. The flash and
PSRAM memory banks are superimposed in the same
memory address space, and both banks share common
address lines, data lines, WE# and OE#. The memory
bank is selected using the memory bank enable signals.
The PSRAM bank enable signal, BES1#, selects the
PSRAM bank. The flash memory bank enable signal,
BEF#, selects the flash memory bank. The WE# signal is
used with the Software Data Protection (SDP) command
sequence when controlling the Erase and Program opera-
tions in the flash memory bank. The SDP command
sequence protects the data stored in the flash memory
bank from accidental alteration.
The SST32HF64A2 provides the added functionality of
being able to simultaneously read from, or write to, the
PSRAM bank while erasing or programming in the flash
memory bank. The PSRAM memory bank can be read or
written while the flash memory bank performs Sector-
Erase, Bank-Erase, or Word-Program concurrently. All
flash memory Erase and Program operations will automati-
cally latch the input address and data signals and complete
the operation in background without further input stimulus
required. Once the internally controlled Erase or Program
cycle in the flash bank commences, the PSRAM bank can
be accessed for Read or Write.
Multi-Purpose Flash Plus + PSRAM ComboMemory
SST32HF64A2
SST32HF64A1 / 64B164Mb Flash + 4Mb SRAM, 32Mb Flash + 8Mb SRAM
(x16) MCP ComboMemories


Similar Part No. - SST32HF64A2-70-4E-L1PE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF162 SST-SST32HF162 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4C-EK SST-SST32HF162-70-4C-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4C-TBK SST-SST32HF162-70-4C-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4E-EK SST-SST32HF162-70-4E-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4E-TBK SST-SST32HF162-70-4E-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF64A2-70-4E-L1PE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com