Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1086CT Datasheet(PDF) 11 Page - Linear Technology

Part # LT1086CT
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086CT Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1086CT Datasheet HTML 7Page - Linear Technology LT1086CT Datasheet HTML 8Page - Linear Technology LT1086CT Datasheet HTML 9Page - Linear Technology LT1086CT Datasheet HTML 10Page - Linear Technology LT1086CT Datasheet HTML 11Page - Linear Technology LT1086CT Datasheet HTML 12Page - Linear Technology LT1086CT Datasheet HTML 13Page - Linear Technology LT1086CT Datasheet HTML 14Page - Linear Technology LT1086CT Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1086 Series
sn1086 1086ffs
APPLICATIONS INFORMATION
In both cases the junction temperature is below the
maximum rating for the respective sections, ensuring
reliable operation.
Junction-to-case thermal resistance for the K and T pack-
ages is specified from the IC junction to the bottom of the
case directly below the die. This is the lowest resistance
path for heat flow. While this is also the lowest resistance
path for the H package, most available heat sinks for this
package are of the clip-on type that attach to the cap of the
package. The data sheet specification for thermal resis-
tance for the H package is therefore written to reflect this.
SCSI-2 Active Termination
TYPICAL APPLICATIONS
5V, 1.5A Regulator
10
µF
TANTALUM
4.25V
TO 5.25V
1N5817
TERMPWR
LT1086 • TA03
10
µF
TANTALUM
0.1
µF
CERAMIC
18 TOTAL
110
2%
110
110
110
110
2%
110
2%
LT1086-2.85
IN
OUT
GND
+
+
VIN ≥ 6.5V
5V AT 1.5A
*REQUIRED FOR STABILITY
LT1086
LT1086 • AI02
10
µF*
TANTALUM
121
1%
365
1%
10
µF
IN
OUT
ADJ
+
+
In all cases proper mounting is required to ensure the best
possible heat flow from the die to the heat sink. Thermal
compound at the case-to-heat sink interface is strongly
recommended. In the case of the H package, mounting the
device so that heat can flow out the bottom of the case will
significantly lower thermal resistance (
≈ a factor of 2). If
the case of the device must be electrically isolated, a
thermally conductive spacer can be used as long as its
added contribution to thermal resistance is considered.
Note that the case of all devices in this series is electrically
connected to the output.


Similar Part No. - LT1086CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1086CT LINER-LT1086CT Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086CT-12 LINER-LT1086CT-12 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086CT-2.85 LINER-LT1086CT-2.85 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086CT-3.3 LINER-LT1086CT-3.3 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086CT-3.6 LINER-LT1086CT-3.6 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results

Similar Description - LT1086CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com