Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1086IM Datasheet(PDF) 5 Page - Linear Technology

Part # LT1086IM
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086IM Datasheet(HTML) 5 Page - Linear Technology

  LT1086IM Datasheet HTML 1Page - Linear Technology LT1086IM Datasheet HTML 2Page - Linear Technology LT1086IM Datasheet HTML 3Page - Linear Technology LT1086IM Datasheet HTML 4Page - Linear Technology LT1086IM Datasheet HTML 5Page - Linear Technology LT1086IM Datasheet HTML 6Page - Linear Technology LT1086IM Datasheet HTML 7Page - Linear Technology LT1086IM Datasheet HTML 8Page - Linear Technology LT1086IM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1086 Series
sn1086 1086ffs
TYPICAL PERFORMANCE CHARACTERISTICS
LT1086 Maximum Power
Dissipation*
TEMPERATURE (
°C)
–50
0
1
150
LT1086 • TPC04
–1
–2
0
50
100
2
–25
25
75
125
Temperature Stability
TEMPERATURE (
°C)
–50
0
10
30
40
50
100
70
0
50
75
LT1086 • TPC05
20
80
90
60
–25
25
100 125
150
Adjust Pin Current
LT1086 Ripple Rejection
vs Current
LT1086 Ripple Rejection
LT1086-5 Ripple Rejection
OUTPUT CURRENT (A)
0
0
20
30
40
50
60
70
0.25
0.5
0.75
1.0
LT1086 • TPC08
1.25
80
90
100
10
1.5
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
VOUT = 5V
CADJ = 25µF
COUT = 25µF
LT1086 Short-Circuit Current
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
0.5
1.0
1.5
2.0
2.5
5
10
15
20
LT1086 • TPC01
25
30
TJ = 150°C
TJ = 25°C
TJ = –55°C
GUARANTEED
OUTPUT CURRENT
CASE TEMPERATURE (
°C)
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
50
15
20
130
LT1086 • TPC06
10
5
0
70
90
110
150
120
60
80
100
140
LT1086MK
LT1086CK
LT1086CT
FREQUENCY (Hz)
20
40
50
60
80
100
10
30
70
90
10
1k
10k
100k
LT1086 • TPC07
0
100
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
VRIPPLE ≤ 0.5VP-P
CADJ = 200µF AT FREQUENCIES < 60Hz
CADJ = 25µF AT FREQUENCIES > 60Hz
IOUT = 1.5A
FREQUENCY (Hz)
20
40
50
70
80
10
1k
10k
100k
LT1086 • TPC09
0
100
60
30
10
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
VRIPPLE ≤ 0.5VP-P
IOUT = 1.5A
TEMPERATURE (
°C)
–50
–0.20
–0.15
–0.10
–0.05
0
050
100
150
LT1086 • TPC02
0.05
0.10
–25
25
75
125
∆I = 1.5A
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
1
3
4
5
10
7
10
20
25
LT1086 • TPC03
2
8
9
6
5
15
30
35
TJ = 150°C
TJ = 25°C
TJ = –55°C
Minimum Operating Current
(Adjustable Device)
LT1086 Load Regulation


Similar Part No. - LT1086IM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1086IM LINER-LT1086IM Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086IM-3.3 LINER-LT1086IM-3.3 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086IM-3.6 LINER-LT1086IM-3.6 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results

Similar Description - LT1086IM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com