Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1020ISW Datasheet(PDF) 11 Page - Linear Technology

Part # LT1020ISW
Description  Micropower Regulator and Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020ISW Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1020ISW Datasheet HTML 7Page - Linear Technology LT1020ISW Datasheet HTML 8Page - Linear Technology LT1020ISW Datasheet HTML 9Page - Linear Technology LT1020ISW Datasheet HTML 10Page - Linear Technology LT1020ISW Datasheet HTML 11Page - Linear Technology LT1020ISW Datasheet HTML 12Page - Linear Technology LT1020ISW Datasheet HTML 13Page - Linear Technology LT1020ISW Datasheet HTML 14Page - Linear Technology LT1020ISW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1020
sn1020 1020fcs
+
10
µF
0.001
µF
1M
50k
2
11
9
VOUT
FB
GND
LT1020
1020 TA13
INTERNAL PARASITIC
DIODES OF LT1020
GND
LT1020
1M
11
2
VOUT
5V
9
3
VIN
BATTERY
INPUT
VIN
3
MAIN
POWER
INPUT
FB
VOUT
VIN
VOUT
Battery Backup Regulator
5V Regulator with Shutdown
1020 TA15
5
6
1M
R2
1M
VOUT
0.001
µF
+
4
7
8
9
1M
10
µF
2
11
FB
VIN
3
REF
LT1020
0.047
µF
1M
13
DROP-
OUT
VOUT*
R1
1.5M
+
1.5M
VOUT TURNS OFF AT DROPOUT.
VOUT TURN ON WHEN:
VIN × R2
R1 + R2
= 2.5V
*
Turn-Off at Dropout
+
NC
10
µF
0.001
µF
1M
1M
5V
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA14
TRANSISTOR USED BECAUSE OF LOW LEAKAGE
CHARACTERISTICS. TO TURN OFF THE OUTPUT
OF THE LT1020, FORCE FB (PIN 11) > 2.5V
*
VIN > 5.2V
IQ = 40µA
100k
500k
2N3904*
LOGIC INPUT
TYPICAL APPLICATIO S
Current Limited 1 Amp Regulator
+
220
µF
100k
2
11
3
9
VIN
VOUT
FB
GND
LT1020
1020 TA16
0.22
µF
VOUT
5V, 1A
2.2k
270
100k
SETS CURRENT LIMIT BUT INCREASES
DROPOUT VOLTAGE BY 0.5V
MUST HAVE LOW ESR. SEVERAL 100
µF
CAPACITORS CAN BE PARALLELED
*
MJE2955
0.5
Ω*
VIN
2N3906*


Similar Part No. - LT1020ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1020IS LINER-LT1020IS Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
More results

Similar Description - LT1020ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
logo
Texas Instruments
TLV1701 TI1-TLV1701_15 Datasheet
2Mb / 33P
[Old version datasheet]   microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com