Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF32A2-70-4C-LS Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST32HF32A2-70-4C-LS
Description  Multi-Purpose Flash Plus PSRAM ComboMemory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF32A2-70-4C-LS Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST32HF32A2-70-4C-LS Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF32A2-70-4C-LS Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF32A2-70-4C-LS Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF32A2-70-4C-LS Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF32A2-70-4C-LS Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF32A2-70-4C-LS Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF32A2-70-4C-LS Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF32A2-70-4C-LS Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF32A2-70-4C-LS Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
Preliminary Specifications
Multi-Purpose Flash Plus + PSRAM ComboMemory
SST32HF32A2
©2005 Silicon Storage Technology, Inc.
S71261-01-000
5/05
The SST32HF32A2 devices are suited for applications that
use both flash memory and PSRAM memory to store code
or data. For systems requiring low power and small form
factor, the SST32HF32A2 devices significantly improve
performance and reliability, while lowering power consump-
tion, when compared with multiple chip solutions. The
SST32HF32A2 inherently use less energy during erase
and program than alternative flash technologies. The total
energy consumed is a function of the applied voltage, cur-
rent, and time of application. Since for any given voltage
range, the SuperFlash technology uses less current to pro-
gram and has a shorter erase time, the total energy con-
sumed during any Erase or Program operation is less than
alternative flash technologies.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
Device Operation
The SST32HF32A2 use BES1#, BES2 and BEF# to con-
trol operation of either the flash or the PSRAM memory
bank. When BEF# is low, the flash bank is activated for
Read, Program or Erase operation. When BES1# is low,
and BES2 is high the PSRAM is activated for Read and
Write operation. BEF# and BES1# cannot be at low level,
and BES2 cannot be at high level at the same time. If all
bank enable signals are asserted, bus contention will
result and the device may suffer permanent damage.
All address, data, and control lines are shared by flash and
PSRAM memory banks which minimizes power consump-
tion and loading. The device goes into standby when BEF#
and BES1# bank enables are raised to VIHC (Logic High) or
when BEF# is high and BES2 is low.
Concurrent Read/Write Operation
The SST32HF32A2 provide the unique benefit of being
able to read from or write to PSRAM, while simultaneously
erasing or programming the flash. This allows data alter-
ation code to be executed from PSRAM, while altering the
data in flash. See Figure 26 for a flowchart. The following
table lists all valid states.
The device will ignore all SDP commands when an Erase
or Program operation is in progress. Note that Product
Identification commands use SDP; therefore, these com-
mands will also be ignored while an Erase or Program
operation is in progress.
Flash Read Operation
The Read operation of the SST32HF32A2 devices is con-
trolled by BEF# and OE#. Both have to be low, with WE#
high, for the system to obtain data from the outputs. BEF#
is used for flash memory bank selection. When BEF# is
high, the chip is deselected and only standby power is
consumed. OE# is the output control and is used to gate
data from the output pins. The data bus is in high imped-
ance state when OE# is high. Refer to Figure 6 for further
details.
CONCURRENT READ/WRITE STATE TABLE
Flash
PSRAM
Program/Erase
Read
Program/Erase
Write


Similar Part No. - SST32HF32A2-70-4C-LS

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1-70-4C-LFS SST-SST32HF32A1-70-4C-LFS Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1-70-4C-LFSE SST-SST32HF32A1-70-4C-LFSE Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1-70-4C-LS SST-SST32HF32A1-70-4C-LS Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1-70-4C-LSE SST-SST32HF32A1-70-4C-LSE Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
More results

Similar Description - SST32HF32A2-70-4C-LS

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com