Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1085 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1085
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1085 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1085 Datasheet HTML 3Page - Linear Technology LT1085 Datasheet HTML 4Page - Linear Technology LT1085 Datasheet HTML 5Page - Linear Technology LT1085 Datasheet HTML 6Page - Linear Technology LT1085 Datasheet HTML 7Page - Linear Technology LT1085 Datasheet HTML 8Page - Linear Technology LT1085 Datasheet HTML 9Page - Linear Technology LT1085 Datasheet HTML 10Page - Linear Technology LT1085 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1083/LT1084/LT1085
108345fe
BLOCK DIAGRAM
APPLICATIONS INFORMATION
The LT1083 family of three-terminal adjustable regulators
is easy to use and has all the protection features that are
expected in high performance voltage regulators. They are
short-circuit protected, and have safe area protection as
well as thermal shutdown to turn off the regulator should
the junction temperature exceed about 165
°C.
These regulators are pin compatible with older three-
terminal adjustable devices, offer lower dropout voltage
and more precise reference tolerance. Further, the refer-
ence stability with temperature is improved over older
types of regulators. The only circuit difference between
using the LT1083 family and older regulators is that this
new family requires an output capacitor for stability.
Stability
The circuit design used in the LT1083 family requires the
use of an output capacitor as part of the device frequency
compensation. For all operating conditions, the addition of
150
µF aluminium electrolytic or a 22µF solid tantalum on
the output will ensure stability. Normally, capacitors much
smaller than this can be used with the LT1083. Many
different types of capacitors with widely varying charac-
teristics are available. These capacitors differ in capacitor
tolerance (sometimes ranging up to
±100%), equivalent
series resistance, and capacitance temperature coeffi-
cient. The 150
µF or 22µF values given will ensure stability.
When the adjustment terminal is bypassed to improve the
ripple rejection, the requirement for an output capacitor
increases. The value of 22
µF tantalum or 150µF aluminum
covers all cases of bypassing the adjustment terminal.
Without bypassing the adjustment terminal, smaller ca-
pacitors can be used with equally good results and the
table below shows approximately what size capacitors are
needed to ensure stability.
Recommended Capacitor Values
INPUT
OUTPUT
ADJUSTMENT
10
µF10µF Tantalum, 50µF Aluminum
None
10
µF22µF Tantalum, 150µF Aluminum
20
µF
+
THERMAL
LIMIT
VADJ
VOUT
1083/4/5 ADJ BD
VIN


Similar Part No. - LT1085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085 LINER-LT1085 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085 LINER-LT1085 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
Linear Technology
LT1085 LINER-LT1085 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com