Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1084 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1084
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084 Datasheet(HTML) 4 Page - Linear Technology

  LT1084 Datasheet HTML 1Page - Linear Technology LT1084 Datasheet HTML 2Page - Linear Technology LT1084 Datasheet HTML 3Page - Linear Technology LT1084 Datasheet HTML 4Page - Linear Technology LT1084 Datasheet HTML 5Page - Linear Technology LT1084 Datasheet HTML 6Page - Linear Technology LT1084 Datasheet HTML 7Page - Linear Technology LT1084 Datasheet HTML 8Page - Linear Technology LT1084 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1083/LT1084/LT1085
108345fe
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CURRENT (A)
0
1
2
LT1083/4/5 ADJ G01
0
123456789
10
INDICATES GUARANTEED TEST POINT
–40°C
≤ TJ ≤ 150°C
0°C
≤ TJ ≤ 125°C
TJ = 150°C
TJ = 25°C
TJ = –55°C
INPUT/OUTPUT DIFFERENTIAL (V)
0
8
10
12
15
25
LT1083/4/5 ADJ G02
6
4
510
20
30
35
2
0
25
°C
150
°C
IFULL LOAD
GUARANTEED
–55
°C
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0
050
100
150
LT1083/4/5 ADJ G03
0.05
0.10
–25
25
75
125
∆I = 7.5A
OUTPUT CURRENT (A)
0
0
1
1
2
34
LT1083/4/5 ADJ G04
5
2
6
INDICATES GUARANTEED TEST POINT
–55°C
≤ TJ ≤ 150°C
0°C
≤ TJ ≤ 125°C
TJ = 150°C
TJ = –55°C
TJ = 25°C
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
1
3
4
5
10
7
10
20
25
LT1083/4/5 ADJ G05
2
8
9
6
5
15
30
35
25
°C
–55
°C
150
°C
GUARANTEED
IFULL LOAD
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0
050
100
150
LT1083/4/5 ADJ G06
–25
25
75
125
∆I = 5A
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0
050
100
150
LT1083/4/5 ADJ G09
–25
25
75
125
∆I = 3A
INPUT/OUTPUT DIFFERENTIAL (V)
0
4
5
6
15
25
LT1083/4/5 ADJ G08
3
2
510
20
30
35
1
0
25
°C
–55
°C
IFULL LOAD
GUARANTEED
150
°C
OUTPUT CURRENT (A)
0
0
1
2
1
2
LT1083/4/5 ADJ G07
3
4
INDICATES GUARANTEED TEST POINT
TJ = 150°C
TJ = 25°C
–55°C
≤ TJ ≤ 150°C
TJ = –55°C
0°C
≤ TJ ≤ 125°C
LT1085
LT1085
LT1085
Dropout Voltage
Short-Circut Current
Load Regulation
LT1084
LT1084
LT1084
Dropout Voltage
Short-Circut Current
Load Regulation
LT1083
LT1083
LT1083
Dropout Voltage
Short-Circut Current
Load Regulation


Similar Part No. - LT1084

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
Linear Technology
LT1084 LINER-LT1084 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1084

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com