Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC485IN8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC485IN8
Description  Low Power RS485 Interface Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485IN8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC485IN8 Datasheet HTML 4Page - Linear Technology LTC485IN8 Datasheet HTML 5Page - Linear Technology LTC485IN8 Datasheet HTML 6Page - Linear Technology LTC485IN8 Datasheet HTML 7Page - Linear Technology LTC485IN8 Datasheet HTML 8Page - Linear Technology LTC485IN8 Datasheet HTML 9Page - Linear Technology LTC485IN8 Datasheet HTML 10Page - Linear Technology LTC485IN8 Datasheet HTML 11Page - Linear Technology LTC485IN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC485
sn 485LTC485ffs
APPLICATIO S I FOR ATIO
LTC485 Line Length vs Data Rate
The maximum line length allowable for the RS422/RS485
standard is 4000 feet.
Figures 17 and 18 show that the LTC485 is able to
comfortably drive 4000 feet of wire at 110kHz.
Figure 14. Line Length Test Circuit
TTL
OUT
LTC485
LTC485
NOISE
GENERATOR
100
C
D
4000 FT 26AWG
TWISTED PAIR
A
B
TTL
IN
Using the test circuit in Figure 14, Figures 15 and 16 show
that with ~ 20VP-P common mode noise injected on the
line, The LTC485 is able to reconstruct the data stream at
the end of 4000 feet of twisted pair wire.
RO
DIFFERENTIAL
VOLTAGE A – B
DI
LTC485 • F16
Figure 16. System Differential Voltage at 19.2kHz
Figure 15. System Common Mode Voltage at 19.2kHz
COMMON MODE
VOLTAGE (A + B)/2
RO
DI
LTC485 • F15
Figure 17. System Common Mode Voltage at 110kHz
RO
COMMON MODE
VOLTAGE (A + B)/2
DI
LTC485 • F17
RO
COMMON MODE
VOLTAGE (A – B)
DI
LTC485 • F18
Figure 18. System Differential Voltage at 110kHz
When specifying line length vs maximum data rate the
curve in Figure 19 should be used:
Figure 19. Cable Length vs Maximum Data Rate
MAXIMUM DATA RATE
10k
10
100
1k
10k
100k
1M
10M
LTC485 • F19
2.5M


Similar Part No. - LTC485IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC485IN8 LINER-LTC485IN8 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485IN8 LINER-LTC485IN8 Datasheet
294Kb / 14P
   Low Power RS485 Interface Transceiver
More results

Similar Description - LTC485IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
logo
Aeroflex Circuit Techno...
DRS4485 AEROFLEX-DRS4485 Datasheet
777Kb / 8P
   DRS4485 Dual RS485 Interface Transceiver
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
   3.3V Ultra-Low Power RS485 Transceiver
LTC1481 LINER-LTC1481 Datasheet
219Kb / 8P
   Ultra-Low Power RS485 Transceiver with Shutdown
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1483 LINER-LTC1483 Datasheet
243Kb / 8P
   Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1483 LINER-LTC1483_15 Datasheet
197Kb / 8P
   Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1484 LINER-LTC1484_15 Datasheet
235Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com