Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1011AIS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1011AIS8
Description  Voltage Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1011AIS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1011AIS8 Datasheet HTML 8Page - Linear Technology LT1011AIS8 Datasheet HTML 9Page - Linear Technology LT1011AIS8 Datasheet HTML 10Page - Linear Technology LT1011AIS8 Datasheet HTML 11Page - Linear Technology LT1011AIS8 Datasheet HTML 12Page - Linear Technology LT1011AIS8 Datasheet HTML 13Page - Linear Technology LT1011AIS8 Datasheet HTML 14Page - Linear Technology LT1011AIS8 Datasheet HTML 15Page - Linear Technology LT1011AIS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1011/LT1011A
TYPICAL APPLICATIONS
+
LT1011
7
6
1
8
2
3
4
–15V
15V
15V
INPUT
0V TO 10V
C5
0.01
µF
R5
4.7k
R7
22
R11
6.8K
CLOCK
1MHz
5V
R6
4.7K
R2
18k
R1
1k
ZERO
TRIM
R9
3.65k
R8
3k
R10
1k
FULL-SCALE
TRIM
R3
3.9k
R4
5.6k
C1*
0.1
µF
C3
0.1
µF
2N3904
1011 TA19
R12
6.8k
C6
50pF
C2**
15pF
D2
D1
D3
D4
LM329
*
**
ALL DIODES: 1N4148
POLYSTYRENE
NPO
START
≥12ms
15V
6
3
7
4
8
1
2 5
–15V
5V
C4
0.01
µF
15V
LF398
OUTPUT = 1 COUNT
PER mV, f = 1MHz
4-Digit (10,000 Count) A/D Converter
Capacitance to Pulse Width Converter
+
+
LT1011
5V
GAIN ADJ
D1
2
8
4
D3
D2
10
µF
1011 TA20
10
µF
6
0.01
µF
R5
4.7k
R3
86.6k
TTL OR CMOS
(OPERATING
ON 5V)
OUTPUT
1
µs/pF
1
7
3
C**
R2
100k
R1
5k
TH ≥ [CMAX (pF)][1µs/pF]
TL ≥ 10 • CMAX • (1µs/pF)
*PW = (R2 + R3)(C)
**TYPICAL 2 SECTIONS OF 365pF VARIABLE
CAPACITOR WHEN USED AS SHAFT ANGLE
INDICATION
THESE COMPONENTS MAY BE ELIMINATED IF
NEGATIVE SUPPLY IS AVAILABLE (–1V TO –15V)
LT1011 IS
≈6pF. THIS IS AN OFFSET TERM.
, INPUT CAPACITANCE OF
()
R1 + R4
R1


Similar Part No. - LT1011AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
205Kb / 16P
   Voltage Comparator
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
More results

Similar Description - LT1011AIS8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com