Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1011CN8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1011CN8
Description  Voltage Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1011CN8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1011CN8 Datasheet HTML 2Page - Linear Technology LT1011CN8 Datasheet HTML 3Page - Linear Technology LT1011CN8 Datasheet HTML 4Page - Linear Technology LT1011CN8 Datasheet HTML 5Page - Linear Technology LT1011CN8 Datasheet HTML 6Page - Linear Technology LT1011CN8 Datasheet HTML 7Page - Linear Technology LT1011CN8 Datasheet HTML 8Page - Linear Technology LT1011CN8 Datasheet HTML 9Page - Linear Technology LT1011CN8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1011/LT1011A
TYPICAL PERFOR A CE CHARACTERISTICS
Input Offset Voltage
vs Common Mode Voltage
COMMON MODE VOLTAGE (V)
V
V +
0.5
1.5
2.5
1011 G19
– 0.5
–1.5
0
1.0
2.0
–1.0
– 2.0
– 2.5
0.1 0.2 0.3 0.4 0.5 0.6 0.7
TJ = 25°C
UPPER
COMMON MODE
LIMIT = V + – (1.5V)
V (OR GND WITH
SINGLE SUPPLY)
TEMPERATURE (
°C)
–50 – 25
0
0.2
0.4
75
100 125 150
1011 G20
–150mV
–100mV
– 50mV
0
0
25
50
0.8
0.6
CHANGE IN VOS FOR CURRENT
INTO PINS 5 OR 6
VOLTAGE ON PINS 5 AND 6
WITH RESPECT TO V +
Offset Pin Characteristics
APPLICATIONS INFORMATION
Preventing Oscillation Problems
Oscillation problems in comparators are nearly always
caused by stray capacitance between the output and
inputs or between the output and other sensitive pins on
the comparator. This is especially true with high gain
bandwidth comparators like the LT1011, which are
designed for fast switching with millivolt input signals.
The gain bandwidth product of the LT1011 is over 10GHz.
Oscillation problems tend to occur at frequencies around
5MHz, where the LT1011 has a gain of
≈2000. This
implies that attenuation of output signals must be at
least 2000:1 at 5MHz as measured at the inputs. If the
source impedance is 1k
Ω, the effective stray capaci-
tance between output and input must have a reactance
of more than (2000)(1k
Ω) = 2MΩ, or less than 0.02pF.
The actual interlead capacitance between input and out-
put pins on the LT1011 is less than 0.002pF when cut to
printed circuit mount length. Additional stray capaci-
tance due to printed circuit traces must be minimized by
routing the output trace directly away from input lines
and, if possible, running ground traces next to input
traces to provide shielding. Additional steps to ensure
oscillation-free operation are:
1. Bypass the STROBE/BALANCE pins with a 0.01
µF
capacitor connected from Pin 5 to Pin 6. This elimi-
nates stray capacitive feedback from the output to the
BALANCE pins, which are nearly as sensitive as the
inputs.
2. Bypass the negative supply (Pin 4) with a 0.1
µF
ceramic capacitor close to the comparator. 0.1
µF can
also be used for the positive supply (Pin 8) if the pull-
up load is tied to a separate supply. When the pull-up
load is tied directly to Pin 8, use a 2
µF solid tantalum
bypass capacitor.
3. Bypass any slow moving or DC input with a capacitor
(
≥0.01µF) close to the comparator to reduce high
frequency source impedance.
4. Keep resistive source impedance as low as possible. If
a resistor is added in series with one input to balance
source impedances for DC accuracy, bypass it with a
capacitor. The low input bias current of the LT1011
usually eliminates any need for source resistance bal-
ancing. A 5k
Ω imbalance, for instance, will create only
0.25mV DC offset.
5. Use hysteresis. This consists of shifting the input
offset voltage of the comparator when the output
changes state. Hysteresis forces the comparator to
move quickly through its linear region, eliminating
oscillations by “overdriving” the comparator under all
input conditions. Hysteresis may be either AC or DC.
AC techniques do not shift the apparent offset voltage


Similar Part No. - LT1011CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011CN8 LINER-LT1011CN8 Datasheet
205Kb / 16P
   Voltage Comparator
LT1011CN8 LINER-LT1011CN8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
More results

Similar Description - LT1011CN8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com