Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST37VF020-70-3C-PH Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST37VF020-70-3C-PH
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST37VF020-70-3C-PH Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST37VF020-70-3C-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST37VF020-70-3C-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST37VF020-70-3C-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST37VF020-70-3C-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST37VF020-70-3C-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST37VF020-70-3C-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST37VF020-70-3C-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST37VF020-70-3C-PH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST37VF020-70-3C-PH Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Many-Time Programmable Flash
SST37VF512 / SST37VF010 / SST37VF020 / SST37VF040
7
©2006 Silicon Storage Technology, Inc.
S71151-07-000
8/06
AC CHARACTERISTICS
TABLE
9: Read Cycle Timing Parameters VDD = 2.7-3.6V (TA = 0°C to +70°C (Commercial))
Symbol
Parameter
SST37VF512-70
SST37VF010-70
SST37VF020-70
SST37VF040-70
Units
Min
Max
TRC
Read Cycle Time
70
ns
TCE
Chip Enable Access Time
70
ns
TAA
Address Access Time
70
ns
TOE
Output Enable Access Time
35
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
ns
TOLZ1
OE# Low to Active Output
0
ns
TCHZ1
CE# High to High-Z Output
25
ns
TOHZ1
OE# High to High-Z Output
25
ns
TOH1
Output Hold from Address Change
0
ns
T9.3 1151
TABLE 10: Program/Erase Cycle Timing Parameters VDD = 2.7-3.6V (TA = 25°C±5°C)
Symbol
Parameter
Min
Max
Units
TBP
Byte-Program Time
20
µs
TCES
CE# Setup Time
1
µs
TCEH
CE# Hold Time
1
µs
TAS
Address Setup Time
1
µs
TAH
Address Hold Time
1
µs
TDS
Data Setup Time
1
µs
TDH
Data Hold Time
1
µs
TPRT
OE# Rise Time for Program and Erase
50
ns
TVPS
OE# Setup Time for Program and Erase
1
µs
TVPH
OE# Hold Time for Program and Erase
1
µs
TPW
WE# Program Pulse Width
15
25
µs
TEW
WE# Erase Pulse Width
100
200
ms
TVR
OE#/A9 Recovery Time for Erase
1
µs
TART
A9 Rise Time to 12V during Erase
50
ns
TA9S
A9 Setup Time during Erase
1
µs
TA9H
A9 Hold Time during Erase
1
µs
T10.1 1151


Similar Part No. - SST37VF020-70-3C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF020-70-3C-PH SST-SST37VF020-70-3C-PH Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST37VF020-70-3C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com