Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29SF040-55-4C-NHE Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST29SF040-55-4C-NHE
Description  2 Mbit / 4 Mbit (x8) Small-Sector Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF040-55-4C-NHE Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST29SF040-55-4C-NHE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29SF040-55-4C-NHE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29SF040-55-4C-NHE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29SF040-55-4C-NHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29SF040-55-4C-NHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29SF040-55-4C-NHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF040-55-4C-NHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF040-55-4C-NHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF040-55-4C-NHE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
©2005 Silicon Storage Technology, Inc.
S71160-13-000
10/06
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
SSF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020 / SST29SF040
SST29VF020 / SST29VF040
FEATURES:
Organized as 256K x8 / 512K x8
Single Voltage Read and Write Operations
– 4.5-5.5V for SST29SF020/040
– 2.7-3.6V for SST29VF020/040
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Current: 10 mA (typical)
– Standby Current:
30 µA (typical) for SST29SF020/040
1 µA (typical) for SST29VF020/040
Sector-Erase Capability
– Uniform 128 Byte sectors
Fast Read Access Time:
– 55 ns for SST29SF020/040
– 70 ns for SST29VF020/040
Latched Address and Data
Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
4 seconds (typical) for SST29SF/VF020
8 seconds (typical) for SST29SF/VF040
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bit
– Data# Polling
TTL I/O Compatibility for SST29SF020/040
CMOS I/O Compatibility for SST29VF020/040
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST29SF020/040 and SST29VF020/040 are 256K
x8 / 512K x8 CMOS Small-Sector Flash (SSF) manufac-
tured with SST’s proprietary, high-performance CMOS
SuperFlash technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
The SST29SF020/040 devices write (Program or Erase)
with a 4.5-5.5V power supply. The SST29VF020/040
devices write (Program or Erase) with a 2.7-3.6V power
supply. These devices conform to JEDEC standard pin
assignments for x8 memories.
Featuring
high
performance
Byte-Program,
the
SST29SF020/040 and SST29VF020/040 devices pro-
vide a maximum Byte-Program time of 20 µsec. To protect
against inadvertent write, they have on-chip hardware and
Software Data Protection schemes. Designed, manufac-
tured, and tested for a wide spectrum of applications, these
devices are offered with a guaranteed endurance of at least
10,000 cycles. Data retention is rated at greater than 100
years.
The SST29SF020/040 and SST29VF020/040 devices
are suited for applications that require convenient and eco-
nomical updating of program, configuration, or data mem-
ory. For all system applications, they significantly improve
performance and reliability, while lowering power consump-
tion. They inherently use less energy during Erase and
Program than alternative flash technologies. The total
energy consumed is a function of the applied voltage, cur-
rent, and time of application. Since for any given voltage
range, the SuperFlash technology uses less current to pro-
gram and has a shorter erase time, the total energy con-
sumed during any Erase or Program operation is less than
alternative flash technologies. They also improve flexibility
while lowering the cost for program, data, and configuration
storage applications.
The SuperFlash technology provides fixed Erase and Pro-
gram times independent of the number of Erase/Program
cycles that have occurred. Therefore, the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet high density, surface mount requirements, the
SST29SF020/040 and SST29VF020/040 devices are
offered in 32-lead PLCC and 32-lead TSOP packages. The
pin assignments are shown in Figures 2 and 3.
SST29SF/VF020 / 0402Mb / 4Mb (x8)
Byte-Program, Small-Sector flash memories


Similar Part No. - SST29SF040-55-4C-NHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29SF040-55-4C-NHE SST-SST29SF040-55-4C-NHE Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results

Similar Description - SST29SF040-55-4C-NHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com