Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST27SF020-70-3C-NH Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST27SF020-70-3C-NH
Description  512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF020-70-3C-NH Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST27SF020-70-3C-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NH Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit Many-Time Programmable Flash
SST27SF512 / SST27SF010 / SST27SF020
©2005 Silicon Storage Technology, Inc.
S71152-11-000
9/05
TABLE 13: PROGRAM/ERASE CYCLE TIMING PARAMETERS FOR SST27SF010/020
Symbol
Parameter
Min
Max
Units
TCES
CE# Setup Time
1
µs
TCEH
CE# Hold Time
1
µs
TAS
Address Setup Time
1
µs
TAH
Address Hold Time
1
µs
TPRT
VPP Pulse Rise Time
50
ns
TVPS
VPP Setup Time
1
µs
TVPH
VPP Hold Time
1
µs
TPW
PGM# Program Pulse Width
20
30
µs
TEW
PGM# Erase Pulse Width
100
500
ms
TDS
Data Setup Time
1
µs
TDH
Data Hold Time
1
µs
TVR
A9 Recovery Time for Erase
1
µs
TART
A9 Rise Time to 12V during Erase
50
ns
TA9S
A9 Setup Time during Erase
1
µs
TA9H
A9 Hold Time during Erase
1
µs
T13.0 1152


Similar Part No. - SST27SF020-70-3C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF020-70-3C-NH SST-SST27SF020-70-3C-NH Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST27SF020-70-3C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com