Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF402-70-4E-L3K Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST32HF402-70-4E-L3K
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF402-70-4E-L3K Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST32HF402-70-4E-L3K Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF402-70-4E-L3K Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF202 / SST32HF402 / SST32HF802
5
©2005 Silicon Storage Technology, Inc.
S71209-06-000
5/05
Product Identification
The Product Identification mode identifies the devices as
the SST32HF202/402/802 and manufacturer as SST. This
mode may be accessed by software operations only.
The hardware device ID Read operation, which is typi-
cally used by programmers, cannot be used on this
device because of the shared lines between flash and
SRAM in the multi-chip package. Therefore, applica-
tion of high voltage to pin A9 may damage this device.
Users may use the software Product Identification opera-
tion to identify the part (i.e., using the device ID) when using
multiple manufacturers in the same socket. For details, see
Tables 3 and 4 for software operation, Figure 14 for the
software ID entry and Read timing diagram, and Figure 20
for the ID entry command sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Exit ID command sequence,
which returns the device to the Read operation. Please
note that the software reset command is ignored during an
internal Program or Erase operation. See Table 4 for soft-
ware command codes, Figure 15 for timing waveform and
Figure 20 for a flowchart.
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS, e.g., less than 1 cm away from the VDD pin of the
device. Additionally, a low frequency 4.7 µF electrolytic
capacitor from VDD to VSS should be placed within 1 cm of
the VDD pin.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
00BFH
Device ID
SST32HF202
0001H
2789H
SST32HF402
0001H
2780H
SST32HF802
0001H
2781H
T1.2 1209
I/O Buffers
1209 B1.0
Address Buffers
DQ15 - DQ8
AMS-A0
WE#
SuperFlash
Memory
SRAM
Control Logic
BES#
BEF#
OE#
Address Buffers
& Latches
LBS#
UBS#
DQ7 - DQ0
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SST32HF402-70-4E-L3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF402-70-4E-L3K SST-SST32HF402-70-4E-L3K Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF402-70-4E-L3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com