Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST27SF010-70-3C-WHE Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST27SF010-70-3C-WHE
Description  512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF010-70-3C-WHE Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST27SF010-70-3C-WHE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST27SF010-70-3C-WHE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST27SF010-70-3C-WHE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST27SF010-70-3C-WHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST27SF010-70-3C-WHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27SF010-70-3C-WHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF010-70-3C-WHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF010-70-3C-WHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF010-70-3C-WHE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit Many-Time Programmable Flash
SST27SF512 / SST27SF010 / SST27SF020
©2005 Silicon Storage Technology, Inc.
S71152-11-000
9/05
FIGURE 1: PIN ASSIGNMENTS FOR 32-LEAD PLCC
FIGURE 2: PIN ASSIGNMENTS FOR 32-LEAD TSOP (8MM X 14MM)
1152 32-plcc P1.4
SST27SF512
SST27SF010/020
SST27SF010/020
SST27SF512
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A8
A9
A11
NC
OE#/VPP
A10
CE#
DQ7
DQ6
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
4
3
2
1
32
31 30
32-lead PLCC
Top View
14
15
16
17 18
19
20
1152 32-tsop P2.2
A11
A9
A8
A13
A14
NC
NC
VDD
NC
NC
A15
A12
A7
A6
A5
A4
NC
PGM#
VPP
A16
A17
PGM#
VPP
A16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#/VPP
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
OE#
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Standard Pinout
Top View
Die Up
SST27SF512 SST27SF010 SST27SF020
SST27SF512
SST27SF020 SST27SF010


Similar Part No. - SST27SF010-70-3C-WHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF010-70-3C-WH SST-SST27SF010-70-3C-WH Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST27SF010-70-3C-WHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com