Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF020-20-4C-SAE Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST25VF020-20-4C-SAE
Description  2 Mbit / 4 Mbit SPI Serial Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF020-20-4C-SAE Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST25VF020-20-4C-SAE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF020-20-4C-SAE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF020-20-4C-SAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF020-20-4C-SAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF020-20-4C-SAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF020-20-4C-SAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF020-20-4C-SAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF020-20-4C-SAE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF020-20-4C-SAE Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
Data Sheet
2 Mbit SPI Serial Flash
SST25VF020
©2006 Silicon Storage Technology, Inc.
S71231-07-000
10/06
Status Register
The software status register provides status on whether the
flash memory array is available for any Read or Write oper-
ation, whether the device is Write enabled, and the state of
the memory Write protection. During an internal Erase or
Program operation, the status register may be read only to
determine the completion of an operation in progress.
Table 4 describes the function of each bit in the software
status register.
Busy
The Busy bit determines whether there is an internal Erase
or Program operation in progress. A “1” for the Busy bit indi-
cates the device is busy with an operation in progress. A “0”
indicates the device is ready for the next valid operation.
Write Enable Latch (WEL)
The Write-Enable-Latch bit indicates the status of the inter-
nal memory Write Enable Latch. If the Write-Enable-Latch
bit is set to “1”, it indicates the device is Write enabled. If the
bit is set to “0” (reset), it indicates the device is not Write
enabled and does not accept any memory Write (Program/
Erase) commands. The Write-Enable-Latch bit is automati-
cally reset under the following conditions:
Power-up
Write-Disable (WRDI) instruction completion
Byte-Program instruction completion
Auto Address Increment (AAI) programming
reached its highest memory address
Sector-Erase instruction completion
Block-Erase instruction completion
Chip-Erase instruction completion
TABLE
4: Software Status Register
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0R
2
BP0
Indicate current level of block write protection (See Table 5)
1
R/W
3
BP1
Indicate current level of block write protection (See Table 5)
1
R/W
4:5
RES
Reserved for future use
0
N/A
6
AAI
Auto Address Increment Programming status
1 = AAI programming mode
0 = Byte-Program mode
0R
7
BPL
1 = BP1, BP0 are read-only bits
0 = BP1, BP0 are read/writable
0R/W
T4.0 1231


Similar Part No. - SST25VF020-20-4C-SAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF020-20-4C-SAE SST-SST25VF020-20-4C-SAE Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
More results

Similar Description - SST25VF020-20-4C-SAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com