Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1009 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1009
Description  2.5V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1009 Datasheet(HTML) 7 Page - Linear Technology

  LT1009 Datasheet HTML 1Page - Linear Technology LT1009 Datasheet HTML 2Page - Linear Technology LT1009 Datasheet HTML 3Page - Linear Technology LT1009 Datasheet HTML 4Page - Linear Technology LT1009 Datasheet HTML 5Page - Linear Technology LT1009 Datasheet HTML 6Page - Linear Technology LT1009 Datasheet HTML 7Page - Linear Technology LT1009 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1009 Series
1009fd
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S8 Package
8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
Z Package
3-Lead Plastic TO-92 (Similar to TO-226)
(Reference LTC DWG # 05-08-1410)
PACKAGE DESCRIPTIO
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
.008 – .010
(0.203 – 0.254)
SO8 0303
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
1
2
3
4
.150 – .157
(3.810 – 3.988)
NOTE 3
8
7
6
5
.189 – .197
(4.801 – 5.004)
NOTE 3
.228 – .244
(5.791 – 6.197)
.245
MIN
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
.050
(1.27)
BSC
.060
± .005
(1.524
± 0.127)
DIA
.90
(2.286)
NOM
.180
± .005
(4.572
± 0.127)
.180
± .005
(4.572
± 0.127)
.500
(12.70)
MIN
.050
(1.270)
MAX
UNCONTROLLED
LEAD DIMENSION
.016
± .003
(0.406
± 0.076)
5
°
NOM
.015
± .002
(0.381
± 0.051)
.060
± .010
(1.524
± 0.254)
10
° NOM
.140
± .010
(3.556
± 0.127)
Z3 (TO-92) 0801
32
1
.098 +.016/–.04
(2.5 +0.4/–0.1)
2 PLCS
TO-92 TAPE AND REEL
REFER TO TAPE AND REEL SECTION OF
LTC DATA BOOK FOR ADDITIONAL INFORMATION


Similar Part No. - LT1009

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
logo
Texas Instruments
LT1009 TI-LT1009 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
logo
Linear Integrated Syste...
LT1009 LINEAR-LT1009 Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
123Kb / 8P
   2.5V Reference
logo
Texas Instruments
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
More results

Similar Description - LT1009

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
   2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
   2.5V Reference
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com