Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST27SF020 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST27SF020
Description  512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF020 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST27SF020 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
©2005 Silicon Storage Technology, Inc.
S71152-11-000
9/05
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MTP is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512 / SST27SF010 / SST27SF020
FEATURES:
Organized as 64K x8 / 128K x8 / 256K x8
4.5-5.5V Read Operation
Superior Reliability
– Endurance: At least 1000 Cycles
– Greater than 100 years Data Retention
Low Power Consumption
– Active Current: 20 mA (typical)
– Standby Current: 10 µA (typical)
Fast Read Access Time
– 70 ns
Fast Byte-Program Operation
– Byte-Program Time: 20 µs (typical)
– Chip Program Time:
1.4 seconds (typical) for SST27SF512
2.8 seconds (typical) for SST27SF010
5.6 seconds (typical) for SST27SF020
Electrical Erase Using Programmer
– Does not require UV source
– Chip-Erase Time: 100 ms (typical)
TTL I/O Compatibility
JEDEC Standard Byte-wide EPROM Pinouts
Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
– 28-pin PDIP for SST27SF512
– 32-pin PDIP for SST27SF010/020
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST27SF512/010/020 are a 64K x8 / 128K x8 / 256K
x8 CMOS, Many-Time Programmable (MTP) low cost
flash, manufactured with SST’s proprietary, high perfor-
mance SuperFlash technology. The split-gate cell design
and thick oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
These MTP devices can be electrically erased and pro-
grammed at least 1000 times using an external program-
mer with a 12V power supply. They have to be erased prior
to programming. These devices conform to JEDEC stan-
dard pinouts for byte-wide memories.
Featuring
high-performance
Byte-Program,
the
SST27SF512/010/020 provide a Byte-Program time of 20
µs. Designed, manufactured, and tested for a wide spec-
trum of applications, these devices are offered with an
endurance of at least 1000 cycles. Data retention is rated at
greater than 100 years.
The SST27SF512/010/020 are suited for applications that
require infrequent writes and low power nonvolatile stor-
age. These devices will improve flexibility, efficiency, and
performance while matching the low cost in nonvolatile
applications that currently use UV-EPROMs, OTPs, and
mask ROMs.
To meet surface mount and conventional through hole
requirements, the SST27SF512 are offered in 32-lead
PLCC, 32-lead TSOP, and 28-pin PDIP packages. The
SST27SF010/020 are offered in 32-pin PDIP, 32-lead
PLCC, and 32-lead TSOP packages. See Figures 1, 2, and
3 for pin assignments.
Device Operation
The SST27SF512/010/020 are a low cost flash solution
that can be used to replace existing UV-EPROM, OTP,
and mask ROM sockets. These devices are functionally
(read and program) and pin compatible with industry
standard EPROM products. In addition to EPROM func-
tionality, these devices also support electrical Erase
operation via an external programmer. They do not
require a UV source to erase, and therefore the pack-
ages do not have a window.
Read
The Read operation of the SST27SF512/010/020 is con-
trolled by CE# and OE#. Both CE# and OE# have to be low
for the system to obtain data from the outputs. Once the
address is stable, the address access time is equal to the
delay from CE# to output (TCE). Data is available at the out-
put after a delay of TOE from the falling edge of OE#,
assuming that CE# pin has been low and the addresses
have been stable for at least TCE-TOE. When the CE# pin is
high, the chip is deselected and a typical standby current of
10 µA is consumed. OE# is the output control and is used
to gate data from the output pins. The data bus is in high
impedance state when either CE# or OE# is high.
SST27SF512 / 010 / 0205.0V-Read 512Kb / 1Mb / 2Mb (x8) MTP flash memories


Similar Part No. - SST27SF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF020 SST-SST27SF020 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70 SST-SST27SF020-70 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-NG SST-SST27SF020-70-3C-NG Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-NH SST-SST27SF020-70-3C-NH Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-PG SST-SST27SF020-70-3C-PG Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST27SF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com