Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST27SF020 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST27SF020
Description  512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF020 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST27SF020 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit Many-Time Programmable Flash
SST27SF512 / SST27SF010 / SST27SF020
©2005 Silicon Storage Technology, Inc.
S71152-11-000
9/05
Byte-Program Operation
The SST27SF512/010/020 are programmed by using an
external
programmer.
The
programming
mode
for
SST27SF010/020 is activated by asserting 11.4-12V on
VPP pin, VDD = 4.5-5.5V, VIL on CE# pin, and VIH on OE#
pin. The programming mode for SST27SF512 is activated
by asserting 11.4-12V on OE#/VPP pin, VDD = 4.5-5.5V,
and VIL on CE# pin. These devices are programmed byte-
by-byte with the desired data at the desired address using
a single pulse (CE# pin low for SST27SF512 and PGM#
pin low for SST27SF010/020) of 20 µs. Using the MTP pro-
gramming algorithm, the Byte-Programming process con-
tinues byte-by-byte until the entire chip has been
programmed.
Chip-Erase Operation
The only way to change a data from a “0” to “1” is by electri-
cal erase that changes every bit in the device to “1”. Unlike
traditional EPROMs, which use UV light to do the Chip-
Erase, the SST27SF512/010/020 uses an electrical Chip-
Erase operation. This saves a significant amount of time
(about 30 minutes for each Erase operation). The entire
chip can be erased in a single pulse of 100 ms (CE# pin
low for SST27SF512 and PGM# pin for SST27SF010/
020). In order to activate the Erase mode for SST27SF010/
020, the 11.4-12V is applied to VPP and A9 pins, VDD = 4.5-
5.5V, VIL on CE# pin, and VIH on OE# pin. In order to acti-
vate Erase mode for SST27SF512, the 11.4-12V is applied
to OE#/VPP and A9 pins, VDD = 4.5-5.5V, and VIL on CE#
pin. All other address and data pins are “don’t care”. The
falling edge of CE# (PGM# for SST27SF010/020) will start
the Chip-Erase operation. Once the chip has been erased,
all bytes must be verified for FFH. Refer to Figures 11 and
12 for the flowcharts.
Product Identification Mode
The Product Identification mode identifies the devices as
the SST27SF512, SST27SF010 and SST27SF020 and
manufacturer as SST. This mode may be accessed by the
hardware method. To activate this mode for SST27SF010/
020, the programming equipment must force VH (11.4-12V)
on address A9 with VPP pin at VDD (4.5-5.5V) or VSS. To
activate this mode for SST27SF512, the programming
equipment must force VH (11.4-12V) on address A9 with
OE#/VPP pin at VIL. Two identifier bytes may then be
sequenced from the device outputs by toggling address line
A0. For details, see Tables 3 and 4 for hardware operation.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST27SF512
0001H
A4H
SST27SF010
0001H
A5H
SST27SF020
0001H
A6H
T1.2 1152


Similar Part No. - SST27SF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF020 SST-SST27SF020 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70 SST-SST27SF020-70 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-NG SST-SST27SF020-70-3C-NG Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-NH SST-SST27SF020-70-3C-NH Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-PG SST-SST27SF020-70-3C-PG Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST27SF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com