Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1013B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1013B
Description  4 W audio power amplifier with DC volume control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1013B Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1013B Datasheet HTML 1Page - NXP Semiconductors TDA1013B Datasheet HTML 2Page - NXP Semiconductors TDA1013B Datasheet HTML 3Page - NXP Semiconductors TDA1013B Datasheet HTML 4Page - NXP Semiconductors TDA1013B Datasheet HTML 5Page - NXP Semiconductors TDA1013B Datasheet HTML 6Page - NXP Semiconductors TDA1013B Datasheet HTML 7Page - NXP Semiconductors TDA1013B Datasheet HTML 8Page - NXP Semiconductors TDA1013B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
July 1994
5
Philips Semiconductors
Product specification
4 W audio power amplifier with
DC volume control
TDA1013B
CHARACTERISTICS
VP = 18 V; RL = 8 Ω; f = 1 kHz; Tamb = 25 °C; see Fig.10; unless otherwise specified
Note to the characteristics
1. Measured in a bandwidth in accordance with IEC 179, curve ‘A’.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
VP
10
18
40
V
Total quiescent current
Itot
25
60
mA
Noise output voltage
note 1
at maximum gain
RS = 0 Ω
Vn
0.5
mV
at maximum gain
RS = 5 kΩ
Vn
0.6
1.4
mV
at minimum gain
RS = 0 Ω
Vn
0.25
mV
Total sensitivity
Po = 2.5 W;
DC control at max. gain
Vi
44
55
69
mV
Audio amplifier
Repetitive peak output current
IORM
−−
1.5
A
Output power
THD = 10%; RL = 8 Ω
Po
4.0
4.2
W
Total harmonic distortion
Po = 2.5 W; RL = 8 Ω
THD
0.15
1.0
%
Sensitivity
Po = 2.5 W
Vi
100
125
160
mV
Input impedance (pin 5)
|Zi|
100
200
500
k
Power bandwidth
BP
30 to
40 000
Hz
DC volume control unit
Gain control range
|
∆G
v|80
90
dB
Signal handling
THD < 1%;
DC control = 0 dB
Vi
1.2
1.7
V
Sensitivity (pin 6)
Vo = 125 mV;
max. voltage gain
Vi
39
44
55
mV
Input impedance (pin 8)
|Zi|
2329
35k
Output impedance (pin 6)
|Zo|45
60
75


Similar Part No. - TDA1013B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1013 ETC-TDA1013 Datasheet
188Kb / 4P
   4 W AUDIO POWER AMPLIFIER WITH D.C. VOLUME CONTROL
February 1980
TDA1013A ETC-TDA1013A Datasheet
19Kb / 1P
   AUIDO OUTPUT
More results

Similar Description - TDA1013B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1013 ETC-TDA1013 Datasheet
188Kb / 4P
   4 W AUDIO POWER AMPLIFIER WITH D.C. VOLUME CONTROL
February 1980
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com