Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF080-70-4C-EI Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST39VF080-70-4C-EI
Description  8 Mbit (x8) Multi-Purpose Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF080-70-4C-EI Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST39VF080-70-4C-EI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF080-70-4C-EI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF080-70-4C-EI Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF080-70-4C-EI Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF080-70-4C-EI Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF080-70-4C-EI Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF080-70-4C-EI Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF080-70-4C-EI Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39VF080-70-4C-EI Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
EOL Data Sheet
8 Mbit Multi-Purpose Flash
SST39LF080 / SST39VF080
11
©2007 Silicon Storage Technology, Inc.
S71146-07-EOL
6/07
AC CHARACTERISTICS
TABLE 12: READ CYCLE TIMING PARAMETERS
VDD = 3.0-3.6V FOR SST39LF080 AND 2.7-3.6V FOR SST39VF080
Symbol Parameter
SST39LF080-55
SST39VF080-70
SST39VF080-90
Units
Min
Max
Min
Max
Min
Max
TRC
Read Cycle Time
55
70
90
ns
TCE
Chip Enable Access Time
55
70
90
ns
TAA
Address Access Time
55
70
90
ns
TOE
Output Enable Access Time
30
35
45
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
0
ns
TCHZ1
CE# High to High-Z Output
15
20
30
ns
TOHZ1
OE# High to High-Z Output
15
20
30
ns
TOH1
Output Hold from Address Change
0
0
0
ns
T12.4 1146
TABLE 13: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TBP
Byte-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
30
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TBE
Block-Erase
25
ms
TSCE
Chip-Erase
100
ms
T13.0 1146


Similar Part No. - SST39VF080-70-4C-EI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF080-70-4C-EI SST-SST39VF080-70-4C-EI Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39VF080-70-4C-EI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com