Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA1011 Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. TDA1011
Description  2 to 6 W audio power amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1011 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA1011 Datasheet HTML 6Page - NXP Semiconductors TDA1011 Datasheet HTML 7Page - NXP Semiconductors TDA1011 Datasheet HTML 8Page - NXP Semiconductors TDA1011 Datasheet HTML 9Page - NXP Semiconductors TDA1011 Datasheet HTML 10Page - NXP Semiconductors TDA1011 Datasheet HTML 11Page - NXP Semiconductors TDA1011 Datasheet HTML 12Page - NXP Semiconductors TDA1011 Datasheet HTML 13Page - NXP Semiconductors TDA1011 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
November 1982
12
Philips Semiconductors
Product specification
2 to 6 W audio power amplifier
TDA1011
Fig.14 Noise output voltage as a function of frequency; curve a: total amplifier; curve b: power amplifier;
B = 5 kHz; RS = 0; typical values.
Fig.15 Voltage gain as a function of R2 (see Fig.4).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn