Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA1010 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA1010
Description  6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1010 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1010 Datasheet HTML 3Page - NXP Semiconductors TDA1010 Datasheet HTML 4Page - NXP Semiconductors TDA1010 Datasheet HTML 5Page - NXP Semiconductors TDA1010 Datasheet HTML 6Page - NXP Semiconductors TDA1010 Datasheet HTML 7Page - NXP Semiconductors TDA1010 Datasheet HTML 8Page - NXP Semiconductors TDA1010 Datasheet HTML 9Page - NXP Semiconductors TDA1010 Datasheet HTML 10Page - NXP Semiconductors TDA1010 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
November 1982
7
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications
10 W audio power amplifier in mains-fed applications
TDA1010A
Fig. 5 See next page.
Total harmonic distortion in the circuit of Fig.3 as a function of the output power with the load impedance as a parameter;
typical values. Solid lines indicate the power across the load, dashed lines that available at pin 2 of the TDA1010.
RL = 2 Ω (1) has been measured with an additional 220 Ω bootstrap resistor between pins 3 and 4. Measurements were
made at f = 1 kHz, VP = 14,4 V.
Fig.4
Output power of the circuit of Fig.3 as a function of the supply voltage with the load impedance as a
parameter; typical values. Solid lines indicate the power across the load, dashed lines that available at pin
2 of the TDA1010. RL = 2 Ω (1) has been measured with an additional 220 Ω bootstrap resistor between
pins 3 and 4. Measurements were made at f = 1 kHz, dtot = 10%, Tamb = 25 °C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn