Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST31LF021E Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST31LF021E
Description  2 Mbit Flash 1 Mbit SRAM ComboMemory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST31LF021E Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST31LF021E Datasheet HTML 1Page - Silicon Storage Technology, Inc SST31LF021E Datasheet HTML 2Page - Silicon Storage Technology, Inc SST31LF021E Datasheet HTML 3Page - Silicon Storage Technology, Inc SST31LF021E Datasheet HTML 4Page - Silicon Storage Technology, Inc SST31LF021E Datasheet HTML 5Page - Silicon Storage Technology, Inc SST31LF021E Datasheet HTML 6Page - Silicon Storage Technology, Inc SST31LF021E Datasheet HTML 7Page - Silicon Storage Technology, Inc SST31LF021E Datasheet HTML 8Page - Silicon Storage Technology, Inc SST31LF021E Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EOL Data Sheet
2 Mbit Flash + 1 Mbit SRAM ComboMemory
SST31LF021 / SST31LF021E
5
©2007 Silicon Storage Technology, Inc.
S71137-06-EOL
05/07
Product Identification
The Product Identification mode identifies the devices as
either SST31LF021 or SST31LF021E and the manufac-
turer as SST. This mode may be accessed by hardware or
software operations. The hardware device ID Read opera-
tion is typically used by a programmer to identify the correct
algorithm for the SST31LF021/021E flash memory banks.
Users may wish to use the software Product Identification
operation to identify the part (i.e., using the device ID) when
using multiple manufacturers in the same socket. For
details, see Table 3 for hardware operation or Table 4 for
software operation, Figure 11 for the software ID entry and
read timing diagram and Figure 18 for the ID entry com-
mand sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Exit ID command sequence,
which returns the device to the Read operation. Please
note that the software reset command is ignored during an
internal Program or Erase operation. See Table 4 for soft-
ware command codes, Figure 12 for timing waveform and
Figure 18 for a flowchart.
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS, e.g., less than 1 cm away from the VDD pin of the
device. Additionally, a low frequency 4.7 µF electrolytic
capacitor from VDD to VSS should be placed within 1 cm of
the VDD pin.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST31LF021
0001H
18H
SST31LF021E
0001H
19H
T1.4 1137


Similar Part No. - SST31LF021E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF021E SST-SST31LF021E Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021E-300-4C-WH SST-SST31LF021E-300-4C-WH Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021E-300-4E-WH SST-SST31LF021E-300-4E-WH Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021E-70-4C-WH SST-SST31LF021E-70-4C-WH Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021E-70-4E-WH SST-SST31LF021E-70-4E-WH Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
More results

Similar Description - SST31LF021E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST34HF162G SST-SST34HF162G Datasheet
383Kb / 31P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF162C SST-SST34HF162C Datasheet
336Kb / 26P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com