Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29EE512-70-4I-EHE Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST29EE512-70-4I-EHE
Description  512 Kbit (64K x8) Page-Write EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE512-70-4I-EHE Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST29EE512-70-4I-EHE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
512 Kbit Page-Write EEPROM
SST29EE512
3
©2005 Silicon Storage Technology, Inc.
S71060-09-000
9/05
Write Operation Status Detection
The SST29EE512 provides two software means to detect
the completion of a Write cycle, in order to optimize the sys-
tem Write cycle time. The software detection includes two
status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The
end of write detection mode is enabled after the rising WE#
or CE# whichever occurs first, which initiates the internal
Write cycle.
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Data# Polling or
Toggle Bit read may be simultaneous with the completion
of the Write cycle. If this occurs, the system may possibly
get an erroneous result, i.e., valid data may appear to con-
flict with either DQ7 or DQ6. In order to prevent spurious
rejection, if an erroneous result occurs, the software routine
should include a loop to read the accessed location an
additional two (2) times. If both reads are valid, then the
device has completed the Write cycle, otherwise the rejec-
tion is valid.
Data# Polling (DQ7)
When the SST29EE512 is in the internal Write cycle, any
attempt to read DQ7 of the last byte loaded during the byte-
load cycle will receive the complement of the true data.
Once the Write cycle is completed, DQ7 will show true
data. Note that even though DQ7 may have valid data
immediately following the completion of an internal Write
operation, the remaining data outputs may still be invalid:
valid data on the entire data bus will appear in subsequent
successive Read cycles after an interval of 1 µs. See Fig-
ure 7 for Data# Polling timing diagram and Figure 16 for a
flowchart.
Toggle Bit (DQ6)
During the internal Write cycle, any consecutive attempts to
read DQ6 will produce alternating ‘0’s and ‘1’s, i.e., toggling
between 0 and 1. When the Write cycle is completed, the
toggling will stop. The device is then ready for the next
operation. See Figure 8 for Toggle Bit timing diagram and
Figure 16 for a flowchart. The initial read of the Toggle Bit
will typically be a “1”.
Data Protection
The SST29EE512 provide both hardware and software
features to protect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 2.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The SST29EE512 provides the JEDEC approved optional
Software Data Protection scheme for all data alteration
operations, i.e., Write and Chip-Erase. With this scheme,
any Write operation requires the inclusion of a series of
three byte-load operations to precede the data loading
operation. The three-byte load sequence is used to initiate
the Write cycle, providing optimal protection from inadvert-
ent Write operations, e.g., during the system power-up or
power-down. The SST29EE512 is shipped with the Soft-
ware Data Protection disabled.
The software protection scheme can be enabled by
applying a three-byte sequence to the device, during a
page-load cycle (Figures 5 and 6). The device will then
be automatically set into the data protect mode. Any
subsequent Write operation will require the preceding
three-byte sequence. See Table 4 for the specific soft-
ware command codes and Figures 5 and 6 for the tim-
ing diagrams. To set the device into the unprotected
mode, a six-byte sequence is required. See Table 4 for
the specific codes and Figure 9 for the timing diagram. If
a Write is attempted while SDP is enabled the device
will be in a non-accessible state for ~ 300 µs. SST rec-
ommends Software Data Protection always be enabled.
See Figure 17 for flowcharts.
The SST29EE512 Software Data Protection is a global
command, protecting (or unprotecting) all pages in the
entire memory array once enabled (or disabled). Therefore
using SDP for a single Page-Write will enable SDP for the
entire array. Single pages by themselves cannot be SDP
enabled or disabled, although the page addressed during
the SDP write will be written.
Single power supply reprogrammable nonvolatile memo-
ries may be unintentionally altered. SST strongly recom-
mends that Software Data Protection (SDP) always be
enabled. The SST29EE512 should be programmed using
the SDP command sequence. SST recommends the SDP
Disable Command Sequence not be issued to the device
prior to writing.


Similar Part No. - SST29EE512-70-4I-EHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512-70-4I-EHE SST-SST29EE512-70-4I-EHE Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results

Similar Description - SST29EE512-70-4I-EHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512 Datasheet
179Kb / 15P
   512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
May, 2011 ??Rev. 1
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com