Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST28SF040A-120-4C-EH Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST28SF040A-120-4C-EH
Description  4 Mbit (512K x8) SuperFlash EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST28SF040A-120-4C-EH Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST28SF040A-120-4C-EH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST28SF040A-120-4C-EH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST28SF040A-120-4C-EH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST28SF040A-120-4C-EH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST28SF040A-120-4C-EH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST28SF040A-120-4C-EH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST28SF040A-120-4C-EH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST28SF040A-120-4C-EH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST28SF040A-120-4C-EH Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
4 Mbit SuperFlash EEPROM
SST28SF040A / SST28VF040A
9
©2003 Silicon Storage Technology, Inc.
S71077-05-000
3/03
310
TABLE
8: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
Power-up to Read Operation
10
ms
TPU-WRITE1
Power-up to Write Operation
10
ms
T8.4 310
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE
9: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T9.0 310
TABLE 10: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T10.7 310


Similar Part No. - SST28SF040A-120-4C-EH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A-120-4C-EH SST-SST28SF040A-120-4C-EH Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
More results

Similar Description - SST28SF040A-120-4C-EH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com