Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29EE512-70-4I-NHE Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST29EE512-70-4I-NHE
Description  512 Kbit (64K x8) Page-Write EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE512-70-4I-NHE Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST29EE512-70-4I-NHE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29EE512-70-4I-NHE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29EE512-70-4I-NHE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29EE512-70-4I-NHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE512-70-4I-NHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE512-70-4I-NHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE512-70-4I-NHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE512-70-4I-NHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE512-70-4I-NHE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
Data Sheet
512 Kbit Page-Write EEPROM
SST29EE512
©2005 Silicon Storage Technology, Inc.
S71060-09-000
9/05
Please refer to the following Application Notes for more
information on using SDP:
Protecting Against Unintentional Writes When
Using Single Power Supply Flash Memories
The Proper Use of JEDEC Standard Software
Data Protection
Product Identification
The Product Identification mode identifies the device as the
SST29EE512 and manufacturer as SST. This mode is
accessed via software. For details, see Table 4, Figure 11
for the software ID entry, and Read timing diagram and Fig-
ure 18 for the ID entry command sequence flowchart.
Product Identification Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Software ID Exit (reset) opera-
tion, which returns the device to the Read operation. The
Reset operation may also be used to reset the device to the
Read mode after an inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. See Table 4 for software command
codes, Figure 12 for timing waveform, and Figure 18 for a
flowchart.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST29EE512
0001H
5DH
T1.3 1060
Y-Decoder and Page Latches
I/O Buffers and Data Latches
1060 B1.1
Address Buffer & Latches
X-Decoder
DQ7 - DQ0
A15 - A0
WE#
OE#
CE#
SuperFlash
Memory
Control Logic
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SST29EE512-70-4I-NHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512-70-4I-NHE SST-SST29EE512-70-4I-NHE Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results

Similar Description - SST29EE512-70-4I-NHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512 Datasheet
179Kb / 15P
   512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
May, 2011 ??Rev. 1
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com