Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29EE010-70-4C-WH Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST29EE010-70-4C-WH
Description  1 Mbit (128K x8) Page-Write EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010-70-4C-WH Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST29EE010-70-4C-WH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29EE010-70-4C-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29EE010-70-4C-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29EE010-70-4C-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE010-70-4C-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE010-70-4C-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE010-70-4C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE010-70-4C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE010-70-4C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
©2005 Silicon Storage Technology, Inc.
S71061-11-000
9/05
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
SSF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
1 Mbit (128K x8) Page-Write EEPROM
SST29EE010 / SST29VE010
FEATURES:
Single Voltage Read and Write Operations
– 4.5-5.5V for SST29EE010
– 2.7-3.6V for SST29VE010
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption
– Active Current: 20 mA (typical) for 5V and
10 mA (typical) for 2.7V
– Standby Current: 10 µA (typical)
Fast Page-Write Operation
– 128 Bytes per Page, 1024 Pages
– Page-Write Cycle: 5 ms (typical)
– Complete Memory Rewrite: 5 sec (typical)
– Effective Byte-Write Cycle Time: 39 µs (typical)
Fast Read Access Time
– 4.5-5.5V operation: 70 and 90 ns
– 2.7-3.6V operation: 150 and 200 ns
Latched Address and Data
Automatic Write Timing
– Internal VPP Generation
End of Write Detection
– Toggle Bit
– Data# Polling
Hardware and Software Data Protection
Product Identification can be accessed via
Software Operation
TTL I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm, 8mm x 20mm)
– 32-pin PDIP
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST29EE/VE010 are 128K x8 CMOS Page-Write
EEPROMs manufactured with SST’s proprietary, high-per-
formance CMOS SuperFlash technology. The split-gate
cell design and thick-oxide tunneling injector attain better
reliability and manufacturability compared with alternate
approaches. The SST29EE/VE010 write with a single
power supply. Internal Erase/Program is transparent to the
user. The SST29EE/VE010 conform to JEDEC standard
pinouts for byte-wide memories.
Featuring high performance Page-Write, the SST29EE/
VE010 provide a typical Byte-Write time of 39 µsec. The
entire memory, i.e., 128 Kbyte, can be written page-by-
page in as little as 5 seconds, when using interface features
such as Toggle Bit or Data# Polling to indicate the comple-
tion of a Write cycle. To protect against inadvertent write,
the SST29EE/VE010 have on-chip hardware and Software
Data Protection schemes. Designed, manufactured, and
tested for a wide spectrum of applications, the SST29EE/
VE010 are offered with a guaranteed Page-Write endur-
ance of 10,000 cycles. Data retention is rated at greater
than 100 years.
The SST29EE/VE010 are suited for applications that
require convenient and economical updating of pro-
gram, configuration, or data memory. For all system
applications,
the
SST29EE/VE010
significantly
improve performance and reliability, while lowering
power consumption. The SST29EE/VE010 improve
flexibility while lowering the cost for program, data, and
configuration storage applications.
To meet high density, surface mount requirements, the
SST29EE/VE010 are offered in 32-lead PLCC and 32-lead
TSOP packages. A 600-mil, 32-pin PDIP package is also
available. See Figures 1, 2, and 3 for pin assignments.
Device Operation
The SST Page-Write EEPROM offers in-circuit electrical
write capability. The SST29EE/VE010 does not require
separate Erase and Program operations. The internally
timed Write cycle executes both erase and program trans-
parently to the user. The SST29EE/VE010 have industry
standard optional Software Data Protection, which SST
recommends always to be enabled. The SST29EE/VE010
are compatible with industry standard EEPROM pinouts
and functionality.
SST29EE / VE0101Mb (x8) Page-Write, Small-Sector flash memories


Similar Part No. - SST29EE010-70-4C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010-70-4C-WH SST-SST29EE010-70-4C-WH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29EE010-70-4C-WH

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com