Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29EE010 Datasheet(PDF) 28 Page - Silicon Storage Technology, Inc

Part # SST29EE010
Description  1 Mbit (128K x8) Page-Write EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010 Datasheet(HTML) 28 Page - Silicon Storage Technology, Inc

Back Button SST29EE010 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 30Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28
Data Sheet
1 Mbit Page-Write EEPROM
SST29EE010 / SST29VE010
©2005 Silicon Storage Technology, Inc.
S71061-11-000
9/05
32-LEAD THIN SMALL OUTLINE PACKAGE (TSOP) 8MM X 20MM
SST PACKAGE CODE: EH
0.15
0.05
20.20
19.80
18.50
18.30
0.70
0.50
8.10
7.90
0.27
0.17
1.05
0.95
32-tsop-EH-7
Note:
1.Complies with JEDEC publication 95 MO-142 BD dimensions,
although some dimensions may be more stringent.
2.All linear dimensions are in millimeters (max/min).
3.Coplanarity: 0.1 mm
4.Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25mm between leads.
Pin # 1 Identifier
0.50
BSC
1mm
1.20
max.
DETAIL
0.70
0.50
0˚- 5˚


Similar Part No. - SST29EE010

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE010-120-3C-E SST-SST29EE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010-120-3C-EH SST-SST29EE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Similar Description - SST29EE010

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com