Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA10045 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA10045
Description  DVB-T channel receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10045 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA10045 Datasheet HTML 6Page - NXP Semiconductors TDA10045 Datasheet HTML 7Page - NXP Semiconductors TDA10045 Datasheet HTML 8Page - NXP Semiconductors TDA10045 Datasheet HTML 9Page - NXP Semiconductors TDA10045 Datasheet HTML 10Page - NXP Semiconductors TDA10045 Datasheet HTML 11Page - NXP Semiconductors TDA10045 Datasheet HTML 12Page - NXP Semiconductors TDA10045 Datasheet HTML 13Page - NXP Semiconductors TDA10045 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2001 Nov 08
10
Philips Semiconductors
Product specification
DVB-T channel receiver
TDA10045H
CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Core and pads
VDDD33
digital supply voltage for the
pads
VDDD = 3.3 V ± 10%
2.97
3.3
3.63
V
VDDD18
digital supply voltage for the
core
VDDD = 1.8 V ± 5%
1.7
1.8
1.9
V
VDDD50
5 V supply voltage
only for 5 V
requirements; note 1
4.75
5.0
5.25
V
Tamb
ambient temperature
0
70
°C
VIH
HIGH-level input voltage
TTL input; note 2
2
VDDD50
V
VIL
LOW-level input voltage
TTL input
0
0.8
V
VOH
HIGH-level output voltage
IOH = ±2 mA
2.4
−−
V
VOL
LOW-level output voltage
IOL = ±2mA
−−
0.4
V
Ci
input capacitance
−−
5pF
Co
output capacitance
−−
5pF
PLL
VCCD(PLL)
digital PLL supply voltage
VCCD = 1.8 V ± 5%
1.7
1.8
1.9
V
VCCA(PLL)
analog PLL supply voltage
VCCA = 3.3 V ± 10%
2.97
3.3
3.63
V
ADC
VDDD1
digital ADC supply voltage
VDDD = 1.8 V ± 5%
1.7
1.8
1.9
V
VDDA2, VDDA3
analog ADC supply voltage
VDDA = 3.3 V ± 10%
2.97
3.3
3.63
V
Vi(ADC)
analog ADC inputs pins VIP
and VIM
−0.5
VDDD3 + 0.5
V
Vi
signal input
IR =VIP − VIM;
depending on SW
register
−0.5 to −1.0
+0.5 to +1.0
V
Vref(pos)
positive reference voltage
with SW register = 11 1.95
2.15
2.35
V
Vref(neg)
negative reference voltage
with SW register = 11 0.95
1.15
1.35
V
Vi(offset)
input offset voltage
−25
+25
mV
Ri
input resistance pin VIP or
VIM
10
k
Ci
input capacitance pin VIP or
VIM
510
pF
BW
input full power bandwidth
3 dB bandwidth
40
50
MHz


Similar Part No. - TDA10045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
   Single-chip DVB-T channel
May 2002
More results

Similar Description - TDA10045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
   SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
   TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
NXP Semiconductors
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
logo
Silicon Laboratories
SI2115 SILABS-SI2115 Datasheet
65Kb / 2P
   Digital TV Receiver for DVB-T/C
SI2185 SILABS-SI2185 Datasheet
62Kb / 2P
   Hybrid DVB-T/C and Analog TV Receiver
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
   Single-chip DVB-T channel
May 2002
logo
List of Unclassifed Man...
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
   SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
   Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com