Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ6A160 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SZ6A160
Description  6.0W, 8.0W, and 10W 7.5 - 270 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ6A160 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SZ6A160 Datasheet HTML 1Page - Solid States Devices, Inc SZ6A160 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
Hermetically Sealed in Glass
Axial Lead Rated at 6 Watts
Stud Mount Rated at 8 Watts
Surface Mount Rated at 10 Watts
Available to TX, TXV, and Space Levels
5/
Available in 10% and 5% Tolerances. For other Voltage
Tolerances, Contact Factory.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
Symbol
Value
Units
Nominal Zener Voltage
VZ
7.5 - 270
V
Forward Surge Current
8.3 msec pulse
IFSM
1 - 44
A
Zener Current
L
V
C, SMS
IZM
20.4 - 750
27.2 - 1000
34 - 1250
mA
Continuous Power
L
V
C, SMS
PD
6
8
10
W
Operating and Storage Temp.
Top,
Tstg
-65 to +175
ºC
Thermal Resistance,
Junction to Lead, L=3/8” (for L)
Junction to End Cap (for SMS)
Junction to Stud (for C and V)
RθJL
RθJE
RθJS
21
5
10
ºC/W
Part Number/Ordering Information 4/
SZ6
__ __
__ __
Screening 5/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type 3/
L = Axial Leaded
C = Ministud (CR for Reverse Polarity)
V = Isolated Ministud (VR for Reverse
Polarity)
SMS = Surface Mount Square Tab
Voltage/Family
3.3 thru 100 = 3.3V thru 100V, See Table on Page 2
Voltage Tolerance
A = 10% Voltage Tolerance
B = 5% Voltage Tolerance
SZ6A7.5 thru SZ6A270
and
SZ6B7.5 thru SZ6B270
6.0W, 8.0W, and 10W
7.5 – 270 VOLTS
ZENER DIODES
DIM
MIN.
MAX
A
---
.158”
B
---
.185”
C
.047”
.053”
D
1.00”
---
AXIAL (L)
All dimensions are prior to soldering
MINISTUD (C)
All dimensions are prior to soldering
ISOLATED MINISTUD (V)
All dimensions are prior to
soldering
DIM
MIN.
MAX.
A
.155”
.185”
B
.190”
.220”
C
.023”
.027”
D
Body to Tab Clearance: .001”
SQUARE TAB (SMS) All dimensions are prior to soldering
DATA SHEET #: Z00005C
DOC


Similar Part No. - SZ6A160

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ6A7.5 SSDI-SZ6A7.5 Datasheet
147Kb / 2P
   7.5 ??270 VOLTS ZENER DIODES
SZ6A7.5 SSDI-SZ6A7.5_1 Datasheet
147Kb / 2P
   7.5 ??270 VOLTS ZENER DIODES
More results

Similar Description - SZ6A160

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
Z00005F SSDI-Z00005F Datasheet
147Kb / 2P
   6.0W, 8.0W, and 10W 7.5 ??270 VOLTS ZENER DIODES
SZ6A7.5 SSDI-SZ6A7.5_1 Datasheet
147Kb / 2P
   7.5 ??270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706_1 Datasheet
120Kb / 2P
   6.8 ??270 VOLTS ZENER DIODES
SZ3GA7.5 SSDI-SZ3GA7.5_1 Datasheet
157Kb / 2P
   7.5 ??510 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
logo
America Semiconductor, ...
1N2970_1402 AMERICASEMI-1N2970_1402 Datasheet
1,019Kb / 2P
   10W Zener Diodes
logo
Solid States Devices, I...
Z00004M-1 SSDI-Z00004M-1 Datasheet
157Kb / 2P
   3.0 W and 4.0 W 7.5 ??510 VOLTS ZENER DIODES
Z00004M SSDI-Z00004M Datasheet
157Kb / 2P
   3.0 W and 4.0 W 7.5 ??510 VOLTS ZENER DIODES
SZ3GA7.5 SSDI-SZ3GA7.5 Datasheet
126Kb / 2P
   3.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com