Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ6A91 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZ6A91
Description  6.0W, 8.0W, and 10W 7.5 - 270 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ6A91 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZ6A91 Datasheet HTML 1Page - Solid States Devices, Inc SZ6A91 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1/
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2/
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3/
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
4/
For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
5/
Screened to MIL-PRF-19500.
6/
Suffix “L” for Axial, “C” for Ministud, “V” for Isolated Ministud, and “SMS” for Square Tab Surface Mount.
7/
For tighter tolerances, consult the factory.
8/
Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square wave pulse rating is 71% of the value shown.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZ6A7.5 thru SZ6A270
and
SZ6B7.5 thru SZ6B270
Electrical Characteristics @ 25°C (Unless Otherwise Specified)
Maximum Ratings @ 25°C
Max. Continuous Current
PART
NUMBER
(note 6)
Nominal
Zener
Voltage
(note 1)
Zener
Test
Current
Maximum
Zener
Impedance
(note 2)
Maximum Reverse
Leakage Current
Typical
Temp.
Coefficient
Axial
(L)
Isolated
Ministud
(V)
Surface
Mount
(SMS) and
Ministud (C)
Max.
Surge
Current
(note 8)
Voltage Tolerance
VZ @ IZT
IZT
ZZ @
IZT
IR @
VR
VR
7/
10% (A)
TC @
IZT
IZM
IZM
IZM
IFSM
10%
5%
Volts
mA
Ohms
μA
Volts
%/ºC
mA
Amps
SZ6A7.5
SZ6A8.2
SZ6A9.1
SZ6A10
SZ6A11
SZ6B7.5
SZ6B8.2
SZ6B9.1
SZ6B10
SZ6B11
7.5
8.2
9.1
10
11
175
150
150
125
125
0.7
0.8
0.9
1.0
1.1
1500
1200
40
20
15
5.6
6.2
6.8
7.5
8.2
.03
.03
.03
.05
.05
750
690
612
570
516
1000
920
816
760
688
1250
1150
1020
950
860
44
40
37
34
32
SZ6A12
SZ6A13
SZ6A15
SZ6A16
SZ6A18
SZ6B12
SZ6B13
SZ6B15
SZ6B16
SZ6B18
12
13
15
16
18
100
100
75
75
65
1.1
1.2
1.2
1.3
1.3
10
4
2
2
2
9.1
10
11
12
13
.05
.05
.05
.06
.06
462
420
360
330
300
616
560
480
440
400
770
700
600
550
500
31
29
26
23
21
SZ6A20
SZ6A22
SZ6A24
SZ6A27
SZ6A30
SZ6B20
SZ6B22
SZ6B24
SZ6B27
SZ6B30
20
22
24
27
30
65
50
50
50
40
1.5
1.6
1.8
2.5
4
2
2
2
2
2
15
16
18
20
22
.06
.06
.06
.06
.06
264
234
216
186
168
352
312
288
248
224
440
390
360
310
280
19
17
16
14
13
SZ6A33
SZ6A36
SZ6A39
SZ6A43
SZ6A47
SZ6B33
SZ6B36
SZ6B39
SZ6B43
SZ6B47
33
36
39
43
47
40
30
30
30
25
5
6
7
10
12
2
2
2
2
2
24
27
30
33
36
.06
.06
.06
.07
.07
156
144
126
108
105
208
192
168
144
140
260
240
210
180
175
11
10
10
9
8
SZ6A51
SZ6A56
SZ6A62
SZ6A68
SZ6A75
SZ6B51
SZ6B56
SZ6B62
SZ6B68
SZ6B75
51
56
62
68
75
25
20
20
20
20
14
18
20
22
25
2
2
2
2
2
39
43
47
51
56
.07
.07
.08
.08
.08
102
96
90
78
72
136
128
120
104
96
170
160
150
130
120
8
7
7
6
6
SZ6A82
SZ6A91
SZ6A100
SZ6A110
SZ6A120
SZ6B82
SZ6B91
SZ6B100
SZ6B110
SZ6B120
82
91
100
110
120
15
15
12
12
10
30
43
45
65
90
2
2
2
2
2
62
68
75
82
91
.08
.08
.09
.09
.09
66
60
54
49.2
45.0
88
80
72
65.6
60.0
110
100
90
82
75
5
4
4
2
2
SZ6A130
SZ6A150
SZ6A160
SZ6A180
SZ6A200
SZ6B130
SZ6B150
SZ6B160
SZ6B180
SZ6B200
130
150
160
180
200
10
8
8
5
5
100
150
180
210
250
2
2
2
2
2
100
110
120
130
150
.09
.09
.09
.09
.09
41.4
36.0
33.6
30.0
27.0
55.2
48.0
44.8
40.0
36.0
69
60
56
50
45
2
2
2
2
1
SZ6A220
SZ6A240
SZ6A270
SZ6B220
SZ6B240
SZ6B270
220
240
270
5
5
5
350
450
600
2
2
2
160
180
200
.09
.09
.09
24.6
22.2
20.4
32.8
29.6
27.2
41
37
34
1
1
1
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00005C
DOC


Similar Part No. - SZ6A91

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ6A7.5 SSDI-SZ6A7.5 Datasheet
147Kb / 2P
   7.5 ??270 VOLTS ZENER DIODES
SZ6A7.5 SSDI-SZ6A7.5_1 Datasheet
147Kb / 2P
   7.5 ??270 VOLTS ZENER DIODES
More results

Similar Description - SZ6A91

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
Z00005F SSDI-Z00005F Datasheet
147Kb / 2P
   6.0W, 8.0W, and 10W 7.5 ??270 VOLTS ZENER DIODES
SZ6A7.5 SSDI-SZ6A7.5_1 Datasheet
147Kb / 2P
   7.5 ??270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706_1 Datasheet
120Kb / 2P
   6.8 ??270 VOLTS ZENER DIODES
SZ3GA7.5 SSDI-SZ3GA7.5_1 Datasheet
157Kb / 2P
   7.5 ??510 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
logo
America Semiconductor, ...
1N2970_1402 AMERICASEMI-1N2970_1402 Datasheet
1,019Kb / 2P
   10W Zener Diodes
logo
Solid States Devices, I...
Z00004M-1 SSDI-Z00004M-1 Datasheet
157Kb / 2P
   3.0 W and 4.0 W 7.5 ??510 VOLTS ZENER DIODES
Z00004M SSDI-Z00004M Datasheet
157Kb / 2P
   3.0 W and 4.0 W 7.5 ??510 VOLTS ZENER DIODES
SZ3GA7.5 SSDI-SZ3GA7.5 Datasheet
126Kb / 2P
   3.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com