Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4357 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4357
Description  192kHz 24-Bit 6ch DAC with DSD Input
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4357 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4357 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4357 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4357 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4357 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4357 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4357 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4357 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4357 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4357 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ASAHI KASEI
[AK4357]
MS0088-E-02
2002/07
- 1 -
GENERAL DESCRIPTION
The AK4357 is six channels 24bit DAC corresponding to digital audio system. Using AKM's advanced
multi bit architecture for its modulator the AK4357 delivers a wide dynamic range while preserving
linearity for improved THD+N performance. The AK4357 has full differential SCF outputs, removing the
need for AC coupling capacitors and increasing performance for systems with excessive clock jitter. The
AK4357 accepts 192kHz PCM data and 1-Bit DSD data, ideal for a wide range of applications including
DVD-Audio and SACD.
FEATURES
o Sampling Rate Ranging from 8kHz to 192kHz
o 24Bit 8 times Digital Filter with Slow roll-off option
o THD+N:
-90dB
o DR, S/N:
106dB
o High Tolerance to Clock Jitter
o Low Distortion Differential Output
o DSD Data input available
o Channel Independent Digital De-emphasis for 32, 44.1 & 48kHz sampling
o Zero Detect function
o Channel Independent Digital Attenuator with soft-transition (3 Speed
mode)
o Soft Mute
o 3-wire Serial Interface for Volume Control
o Master clock: 256fs, 384fs, 512fs or 768fs (PCM Normal Speed Mode)
128fs, 192fs, 256fs or 384fs (PCM Double Speed Mode)
128fs or 192fs (PCM Quad Speed Mode)
512fs or 768fs (DSD Mode)
o Power Supply: 4.75 to 5.25V
o 48pin LQFP Package
SCF
DAC
DATT
DZF
LOUT1+
LOUT1-
SCF
DAC
DATT
ROUT1+
ROUT1-
SCF
DAC
DATT
LOUT2+
LOUT2-
SCF
DAC
DATT
ROUT2+
ROUT2-
SCF
DAC
DATT
LOUT3+
LOUT3-
SCF
DAC
DATT
ROUT3+
ROUT3-
Audio
I/F
Control
Register
AK4357
MCLK
LRCK
BICK
DCLK
DSDL1
DSDR1
CSN
CCLK
CDTI
SDTI1
SDTI2
SDTI3
DSDL2
DSDR2
DSDL3
DSDR3
PCM
DSD
192kHz 24-Bit 6ch DAC with DSD Input
AK4357


Similar Part No. - AKD4357

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4351 AKM-AKD4351 Datasheet
134Kb / 14P
   18 BIT ADVANCED MULTI BIT 2CH DAC
AKD4351 AKM-AKD4351 Datasheet
596Kb / 16P
   EVALUATION BOARD REV.B FOR AK4351
AKD4352 AKM-AKD4352 Datasheet
88Kb / 13P
   2V & LOW POWER MULTI-BIT DAC
AKD4352 AKM-AKD4352 Datasheet
308Kb / 18P
   EVALUATION BOARD REV.A FOR AK4352
AKD4353 AKM-AKD4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
More results

Similar Description - AKD4357

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4383 AKM-AK4383 Datasheet
280Kb / 25P
   192kHz 24-Bit 2ch DAC with DSD input
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
   192kHz 24-Bit 6ch DAC for DVD-Audio
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728 Datasheet
266Kb / 28P
   24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
logo
Asahi Kasei Microsystem...
AK4126 AKM-AK4126 Datasheet
233Kb / 27P
   6ch 192kHz / 24-Bit Asynchronous SRC
AK4358 AKM-AK4358 Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com