Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK4529 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part No. AK4529
Description  High Performance Multi-channel Audio CODEC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4529 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK4529 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
ASAHI KASEI
[AK4529]
MS0082-E-00
2001/3
- 13 -
tLRB
LRCK
VIH
BICK
VIL
tLRS
SDTO
50%TVDD
tBSD
VIH
VIL
tBLR
tSDS
SDTI
VIH
VIL
tSDH
Audio Interface Timing (TDM= “0”)
tLRB
LRCK
VIH
BICK
VIL
SDTO
50%TVDD
tBSD
VIH
VIL
tBLR
tSDS
SDTI
VIH
VIL
tSDH
Audio Interface Timing (TDM= “1”)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LME49740 Quad High Performance High Fidelity Audio Operational Amplifier Coming Soon National Semiconductor (TI)
AD1987 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
AD1984 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
OPA134_07 High Performance AUDIO OPERATIONAL AMPLIFIERS 1  2  3  4  5  More Burr-Brown (TI)
PCM3060 24-BIT 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC 1  2  3  4  5  More Burr-Brown (TI)
WM8594_07 24-bit 192kHz 2Vrms Multi-Channel CODEC 1  2  3  4  5  More Wolfson Microelectronics plc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn