Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK4529 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part No. AK4529
Description  High Performance Multi-channel Audio CODEC
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4529 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4529 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ASAHI KASEI
[AK4529]
MS0082-E-00
2001/3
- 4 -
n Compatibility with AK4527B
1. Functions
Functions
AK4527B
AK4529
DAC channel
6ch
8ch
ADC
Full-differential input
(with single-ended use capability)
Single-ended input
DATT transition time
7424/fs (fixed)
7424/fs, 1024/fs or 256/fs
I
2C bus auto increment
Not available
Available
TDM I/F format
Not available
Available
2. Pin Configuration
pin#
AK4527
AK4529
12
NC
SDTI4
19
NC
CAD1
20
NC
CAD0
21
CAD1
LOUT4
22
CAD0
ROUT4
29
LIN-
NC
30
LIN+
NC
31
RIN-
LIN
32
RIN+
RIN
44
LOOP1
TDM
3. Register
Addr
Changed items
00H
TDM (TDM I/F format mode) is added.
08H
DEMD1-0 (DAC4 De-emphasis) are added.
09H
ATS1-0 (DATT transition time) are added.
0AH
DZFM3 (Zero detection mode) is added.
0BH
ATT7-0 (LOUT4 output volume control) are added.
0CH
ATT7-0 (ROUT4 output volume control) are added.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LME49740Quad High Performance High Fidelity Audio Operational Amplifier Coming SoonNational Semiconductor (TI)
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
OPA134_07High Performance AUDIO OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
PCM306024-BIT 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC 1 2 3 4 5 MoreBurr-Brown (TI)
WM8594_0724-bit 192kHz 2Vrms Multi-Channel CODEC 1 2 3 4 5 MoreWolfson Microelectronics plc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn