Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK4529 Datasheet(PDF) 33 Page - Asahi Kasei Microsystems

Part No. AK4529
Description  High Performance Multi-channel Audio CODEC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4529 Datasheet(HTML) 33 Page - Asahi Kasei Microsystems

Back Button AK4529 Datasheet HTML 29Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 30Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 31Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 32Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 33Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 34Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 35Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 36Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 37Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
ASAHI KASEI
[AK4529]
MS0082-E-00
2001/3
- 33 -
SYSTEM DESIGN
Figure 20 shows the system connection diagram. An evaluation board is available which demonstrates application
circuits, the optimum layout, power supply arrangements and measurement results.
Condition: TVDD=5V, 3-wire serial control mode, CAD1-0 = “00”
SDOS
1
2
3
4
5
6
7
8
9
11
10
I2C
BICK
LRCK
SDTI1
SDTI2
SDTI3
SDTO
DAUX
DFS
RIN
DZF2
33
32
31
30
29
28
27
26
25
24
23
LIN
NC
NC
ROUT1
LOUT1
ROUT2
LOUT2
ROUT3
LOUT3
AK4529
+
0.1u
0.1u
2.2u
+
5
uP
Analog Ground
Digital Ground
(DIR)
DSP
Analog 5V
+
10u
Audio
(MPEG/
AC3)
Digital
Audio
Source
SMUTE
0.1u
10u
MUTE
MUTE
MUTE
MUTE
MUTE
MUTE
Power-down
control
MUTE
MUTE
Figure 20. Typical Connection Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LME49740 Quad High Performance High Fidelity Audio Operational Amplifier Coming Soon National Semiconductor (TI)
AD1987 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
AD1984 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
OPA134_07 High Performance AUDIO OPERATIONAL AMPLIFIERS 1  2  3  4  5  More Burr-Brown (TI)
PCM3060 24-BIT 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC 1  2  3  4  5  More Burr-Brown (TI)
WM8594_07 24-bit 192kHz 2Vrms Multi-Channel CODEC 1  2  3  4  5  More Wolfson Microelectronics plc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn