Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK4529 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part No. AK4529
Description  High Performance Multi-channel Audio CODEC
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4529 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4529 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4529 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
ASAHI KASEI
[AK4529]
MS0082-E-00
2001/3
- 3 -
n Ordering Guide
AK4529VQ
-40
∼ +85°C
44pin LQFP(0.8mm pitch)
AKD4529
Evaluation Board for AK4529
n Pin Layout
SDOS
1
I2C
2
SMUTE
3
BICK
4
LRCK
5
SDTI1
6
SDTI2
7
SDTI3
8
SDTO
9
DAUX
10
DFS
11
33
32
31
30
29
28
27
26
25
24
23
DZF2/OVF
RIN
LIN
NC
NC
ROUT1
LOUT1
ROUT2
LOUT2
ROUT3
LOUT3
AK4529VQ
Top View


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LME49740Quad High Performance High Fidelity Audio Operational Amplifier Coming SoonNational Semiconductor (TI)
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
OPA134_07High Performance AUDIO OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
PCM306024-BIT 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC 1 2 3 4 5 MoreBurr-Brown (TI)
WM8594_0724-bit 192kHz 2Vrms Multi-Channel CODEC 1 2 3 4 5 MoreWolfson Microelectronics plc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn