Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK15H50C Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TK15H50C
Description  Field Effect Transistor Silicon N-Channel MOS Type (?-MOS VI)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK15H50C Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TK15H50C Datasheet HTML 1Page - Toshiba Semiconductor TK15H50C Datasheet HTML 2Page - Toshiba Semiconductor TK15H50C Datasheet HTML 3Page - Toshiba Semiconductor TK15H50C Datasheet HTML 4Page - Toshiba Semiconductor TK15H50C Datasheet HTML 5Page - Toshiba Semiconductor TK15H50C Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TK15H50C
2006-11-06
4
ID = 15 A
8
4
VGS = 0, −1 V
1
3
10
5
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Drain
−source voltage VDS (V)
IDR − VDS
Drain
−source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth − Tc
Common source
VGS = 10 V
Pulse test
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Common source
Tc
= 25°C
Pulse test
RDS (ON) – Tc
Case temperature Tc (°C)
0
1.0
0.2
0.6
0.4
0.8
−80
−40
160
0
80
120
40
0.1
100
10
1
−0.2
0
−1.2
−0.4
−0.8
−1.0
−0.6
10
10000
100
1000
0.1
1
100
10
0
5
1
3
2
4
−40
−80
160
0
80
120
40
Dynamic input/output characteristics
VDS
Total gate charge Qg (nC)
Common source
ID = 15 A
Tc
= 25°C
Pulse test
200
VDS = 100 V
500
400
0
300
200
100
0
60
80
100
40
20
8
4
16
20
0
12
VGS
400
400
200
VDS = 100 V
PD − Tc
200
50
100
150
0
0
80
40
160
120
200
Case temperature Tc (°C)


Similar Part No. - TK15H50C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
219Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK150F04K3L TOSHIBA-TK150F04K3L Datasheet
279Kb / 10P
   MOSFETs Silicon N-channel MOS (U-MOS??
TK150F04K3L TOSHIBA-TK150F04K3L Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
TOKO, Inc
TK15121 TOKO-TK15121 Datasheet
87Kb / 8P
   Grand Earthing System Audio Signal Mute IC
More results

Similar Description - TK15H50C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK19H50C TOSHIBA-TK19H50C Datasheet
346Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (MOS VI)
SSM3J46CTB TOSHIBA-SSM3J46CTB_15 Datasheet
262Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS VI)
SSM6P47NU TOSHIBA-SSM6P47NU_14 Datasheet
205Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type(U-MOS VI)
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
TPCM8006 TOSHIBA-TPCM8006 Datasheet
206Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
SSM3K318T TOSHIBA-SSM3K318T Datasheet
219Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS??
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
TPCA8026 TOSHIBA-TPCA8026 Datasheet
159Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCP8004 TOSHIBA-TPCP8004 Datasheet
196Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TPCA8042 TOSHIBA-TPCA8042 Datasheet
160Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com